Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P
Description  High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P Datasheet(HTML) 1 Page - Vishay Siliconix

  P Datasheet HTML 1Page - Vishay Siliconix P Datasheet HTML 2Page - Vishay Siliconix P Datasheet HTML 3Page - Vishay Siliconix P Datasheet HTML 4Page - Vishay Siliconix P Datasheet HTML 5Page - Vishay Siliconix P Datasheet HTML 6Page - Vishay Siliconix P Datasheet HTML 7Page - Vishay Siliconix P Datasheet HTML 8Page - Vishay Siliconix P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
P
www.vishay.com
Vishay Sfernice
Revision: 20-Feb-15
1
Document Number: 53017
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Precision Wraparound - Wide Ohmic Value Range
Thin Film Chip Resistors, Sulfur Resistant
For low noise and precision applications, superior stability,
low temperature coefficient of resistance, and low voltage
coefficient, Vishay Sfernice’s proven precision thin film
wraparound
resistors
exceed
requirements
of
MIL-PRF-55342G characteristics Y ± 10 ppm/°C (-55 °C;
+155 °C) down to ± 5 ppm/°C (-55 °C; +155 °C).
FEATURES
• Load life stability 0.02 % typical at 8000 h
at 70 °C under Pd (0.033 % maximum)
• Low temperature coefficient down to 5 ppm/°C
(-55 °C; +155 °C)
• Very low noise < - 35 dB and voltage coefficient
< 0.01 ppm/V
• Wide resistance range: 10
 to 200 M
depending on size
• Tolerances to ± 0.01 %
• In lot tracking
 5 ppm/°C
• Termination: Thin film technology
• Short circuits (jumpers) r < 50 mR, I < 2 A, see PZR
datasheet (www.vishay.com/doc?53053)
• Withstand moisture resistance test of AEC-Q200
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
Notes
(1) Pn = Nominal power - Pd = Derated power intended to improve stability.
(2) For ohmic range versus tolerance and TCR see detailed table on next page.
(3) Model P0805 being same size than case 0705 with same performances, only codification of P0805 remains.
(4) With special assembly care.
Note
• For
temperature
up
to
230
°C,
see
PHT
datasheet
(www.vishay.com/doc?53050).
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE (2)
(
)
RATED
POWER
W
Pn (1)
RATED
POWER
W
Pd (1)
LIMITING
ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
P0302
0302
10 to 750K
0.040
0.030
25
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
P0402
0402
10 to 1.5M
0.063
0.040
50
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
P0505
0505
10 to 4M
0.125
0.050
50
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
P0603
0603
10 to 3.2M
0.125
0.100
75
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
P0805 (3)
0805
10 to 10M
0.200
0.125
150
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
P1005
1005
10 to 8.1M
0.250
0.125
75
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
P1206
1206
10 to 35M
0.330
0.250
200
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
P1505
1505
10 to 15M
0.350
0.175
200
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
P2010
2010
10 to 76M
1 (4)
0.500
300
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
P2512
2512
10 to 200M
2 (4)
1
300
0.01, 0.02, 0.05, 0.1, 0.25, 0.5, 1, 2, 5
5, 10, 25, 50, 100
CLIMATIC SPECIFICATIONS
Operating temperature
range
-55 °C; +155 °C
PERFORMANCE VS. HUMID SULFUR VAPOR
Test conditions
50 °C ± 2 °C, 85 % ± 4 % RH,
exposure time 500 h
Test results
Resistance drift < (0.05 % R + 0.05
),
no corrosion products observed
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Technology
Thin film
Film
Nickel chromium
with mineral
passivation or CrSi
Protection
Epoxy + silicone
Terminations
B type:
SnPb over nickel barrier for
solder reflow
N type:
SnAg over nickel barrier
G type:
gold over nickel barrierfor
other applications


Similar Description - P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHT VISHAY-PHT Datasheet
105Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
19-Nov-13
PHT VISHAY-PHT Datasheet
97Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
PVHT VISHAY-PVHT Datasheet
89Kb / 6P
High Stability - Very High Temperature (270 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
13-Nov-15
logo
Bourns Electronic Solut...
CRT0603-CV-1003EAS BOURNS-CRT0603-CV-1003EAS Datasheet
397Kb / 4P
Sulfur-Resistant Thin Film Precision Chip Resistors
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
P VISHAY-P_V01 Datasheet
148Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
18-Oct-2021
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
Sulfur Resistant Thick Film Chip Resistors
04-Jul-2022
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com