Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVHT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PVHT
Description  High Stability - Very High Temperature (270 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PVHT Datasheet(HTML) 2 Page - Vishay Siliconix

  PVHT Datasheet HTML 1Page - Vishay Siliconix PVHT Datasheet HTML 2Page - Vishay Siliconix PVHT Datasheet HTML 3Page - Vishay Siliconix PVHT Datasheet HTML 4Page - Vishay Siliconix PVHT Datasheet HTML 5Page - Vishay Siliconix PVHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PVHT
www.vishay.com
Vishay Sfernice
Revision: 13-Nov-15
2
Document Number: 53060
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DERATING CURVE
PVHT0402 Power Derating Curve
PVHT0603 Power Derating Curve
PVHT0805 Power Derating Curve
PVHT1206 Power Derating Curve
TABLE 1 - TEMPERATURE COEFFICIENT
Z
5 ppm/°C
0 °C; +70 °C
10 ppm/°C
-55 °C; +270 °C
Y
10 ppm/°C
-55 °C; +155 °C
15 ppm/°C
-55 °C; +270 °C
E
25 ppm/°C
-55 °C; +155 °C
30 ppm/°C
-55 °C; +270 °C
H
50 ppm/°C
-55 °C; +155 °C
55 ppm/°C
-55 °C; +270 °C
TABLE 2
SERIES
RANGE (
Ω)
TOL. (± %)
TCR CODE
0402
From 39 to 45K
0.05, 0.1, 0.5, 1
Z; Y; E; H
0603
From 39 to 108K
0.05, 0.1, 0.5, 1
Z; Y; E; H
0805
From 39 to 240K
0.05, 0.1, 0.5, 1
Z; Y; E; H
1206
From 39 to 900K
0.05, 0.1, 0.5, 1
Z; Y; E; H
2010
From 39 to 2.5M
0.05, 0.1, 0.5, 1
Z; Y; E; H
Ambient Temperature (°C)
50
250
200
150
100
300
0
0.08
0.02
0
0.04
0.06
50
250
200
150
100
300
0
0.150
0.050
0
0.100
0.125
0.025
0.075
Ambient Temperature (°C)
50
250
200
150
100
300
0
0.25
0.05
0
0.15
0.20
0.10
Ambient Temperature (°C)
50
250
200
150
100
300
0
0.35
0.20
0
0.25
0.30
0.15
0.10
0.05
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com