Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL0602DN Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL0602DN
Description  AC-DC Active PFC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL0602DN Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  PRL0602DN Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL0602DN Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL0602DN Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL0602DN Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Note:
* PRL0602DN series are designated as PRL0602DNx-y where x can be U (U-Chassis), C (U-chassis with top vented cover), E (Enclosed
Type with side built-in fan) or F (Enclosed Type with top built-in fan); y can be 0512, 0524, 0548, 1224.
•For models U chassis type which need external forced airflow min. 26.84 CFM to achieve maximum power.
•Type U, E & F with forced air cooling: Total combined power of V1 and V2 not to exceed 400W for PRL0602DNx-1224 and 320W for other
models.
•Type U & C with convection cooling: Total combined power of V1 and V2 not to exceed 200W for RL0602DNx-1224 and 180W for other
models.
* Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1µF ceramic and 22µF electrolytic capacitors.
* 10% minimum load is required to maintain the ripple and regulation.
* Output is fully isolated.
Input and Output Connector (CN2):
Terminal block: Howder Part No. HD-121-7P or Molex: Mating JST VH series.
PCB labeling: L = Line; N = Neutral; G = Chassis Ground.
Output Pin Assignment: (See table in right).
Mounting Inserts: 6 Places M4X0.7. Maximum Penetration 2mm sees outline drawing for
location.
Logic Signal Connector (CN1):
Mating: JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04);
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Fan Driver Connector (FAN2):
12VDC/300mA is available to drive an external fan. Mating: JST XHP-2 (2 pins 0.98 pitch)
or equivalent (CHYAO SHIUNN JS-2001-02).
Howder
Molex
Pin 1: V1
Pins 1 ~ 3: V1
Pin 2 ~ 3: RTN
Pins 4 ~ 8: RTN
Pin 4: V2
Pins 9 ~ 10: V2
Pin 5: GND
Pin 12: GND
Pin 6: Neutral
Pin 14: Neutral
Pin 7: Line
Pin 16: Line
Copy Right Ultra Level Tech Co., Ltd 2014, All Right Reserved. Specifications subject to change without notice.
OUTLINE DRAWING:
Model
Number
Output
Voltage
Max. Output Current
Regulation
Ripple &
Noise
Type U & E & F
(force air)
Type U, C
(Convection)
PRL0602DNx-0512
V1:+5V
30A
15A
+/- 5%
1%
V2:+12V
20.83A
13.33A
+/- 5%
1%
PRL0602DNx-0524
V1:+5V
30A
15A
+/- 5%
1%
V2:+24V
10.42A
6.67A
+/- 5%
1%
PRL0602DNx-0548
V1:+5V
30A
15A
+/- 5%
1%
V2:+48V
5.21A
3.33A
+/- 5%
1%
PRL0602DNx-1224
V1:+12V
20.83A
12.5A
+/- 5%
1%
V2:+24V
10.42A
8.33A
+/- 5%
1%
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com