Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL0602N Datasheet(PDF) 1 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL0602N
Description  AC-DC Active PFC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL0602N Datasheet(HTML) 1 Page - ULTRA LEVEL TECH CO., LTD.

  PRL0602N Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL0602N Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL0602N Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL0602N Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES:
◆ Compact 400W with 1U height Power Density: 11.11 watts/cu in
◆ Active Power Factor Corrected to EN61000-3-2 Class D
◆ Built-in Remote On-Off, Power Good, Fan Fail Alarm
◆ Peak Power 700W within 500uS Duty Duration
◆ Variable Fan Speed & Low Acoustical Noise
◆ High Quality & Reliable Component Usage
◆ Output Voltage ranging from 12 ~ 60Vdc
◆ 4 - Mechanical Options
◆ Full Range AC Input
220W ~ 400W AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602N SINGLE OUTPUT SERIES
PRODUCT SPECIFICATIONS:
Input Voltage: 90 ~ 264Vac full range, 47 ~ 63Hz.
Input Current: 8A at 90Vac full load.
Inrush Current: Max. 70A@230Vac & 35A@115Vac; both under
cold start conditions.
Power Factor Correction: >0.9 @ Vin: 230Vac full load.
Transient Response: Returns to within 1% in less than 2.5mS for a
50% load change and the peak transient does not excess 5%.
Overshoot: Turn-on & off overshoot < 5% over nominal voltage.
Efficiency: 75minimum (Measuring at 230V and full load).
Turn On Delay: 1.5 second maximum at 120 Vac.
Hold Up Time: 16mS min. at 75% of full load at 120Vac.
Adjustability: Output user adjustable +/-5% minimum.
Fan Drive: 12VDC/300mA offering to drive an external fan.
Fan Fail (FF) Alarm: Designated as FF on pin 3 of CN1, two types
of logical signal provided, contact manufacturer.
Remote On-Off: Designated as INH on pin4 of CN1, requires a low
signal to inhibit output.
Power Supply On: Green LED designated as LED1 on the PCB.
Power Good: Designated as PG on CN1 and TTL high 100-500mS
after DC regulation. It goes low at least 1mS before loss of regulation.
Input Fusing Protection: One T8A/250V fuse inserted in primary.
Over-Power Protection: 110~140% of I-Max; Auto-recovery.
Short Circuit Protection: Trip without damage and auto-recovery.
Over Voltage Protection: Unit latching down when output exceed
130% and recycle AC input to reset.
Over-Temperature Protection: Unit protected of excessive
operating ambient 110 ℃±5 ℃, and automatic recovery.
Operating Temperature: 0℃ to 70℃ ambient, de-rating at 2.5% per
degree from 50℃ to 70℃.
Warranty: 2 years.
Switching Frequency: 68kHz PFC, 55 kHz PWM
Vibration: 5 ~ 50 Hz, acceleration ±7.35 m/s*s on X,Y and Z Axis.
Storage Temperature: -20℃ to 85℃.
Operating Humidity: 5% to 90% RH, Non-condensing.
Storage Humidity: 5% to 95% RH, Non-condensing.
EMC: EN55022 class B conducted / radiated, EN61000-3-2,
EN61000-3-3; EN55024 (IEC61000-4-2, IEC61000-4-3, IEC61000-
4-4, IEC61000-4-5, IEC61000-4-6, IEC61000-4-11).
Safety Regulation: UL1950, CSA C22.2 No. 950-95, EN60950
and CB certificate
Leakage Current: < 3.5mA @ 264Vac.
(optional for 500uA max. at 240Vac / 300uA max. at 120Vac input)
HI-POT Test: 1500 VAC input line to chassis (10mA AC cut off
current); Isolating 3000VAC primary to secondary windings;
Primary to core 1500VAC. All for 3 sec.
Grounding Test: Apply 25 A from ground pin of the three prong
plug to the far most earth. Max allowable resistance 0.1 ohm.
Warranty: 2 years.
MTBF: 100000 Hrs (according to MIL-HBK-217F) at 30 ℃ .
Cooling:
Internal fan is provided.
Enclosure:
U Type: 6(L) x 4(W) x 1.5(H) inches.
C Type: 6(L) x 4(W) x 1.57(H) inches.
E Type: 7(L) x 4(W) x 1.6(H) inches.
F Type: 6(L) x 4(W) x 2(H)inches.
Burn in: 45 +/- 5 degree C for 1 hour @230Vac with full load.
Weight: Maximum weight is 800g.
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
E Type:
7(L) x 4(W) x 1.6(H)”
F Type:
6(L) x 4(W) x 2(H)”
C Type:
6(L) x 4(W) x 1.57(H)”
U Type:
6(L) x 4(W) x 1.5(H)”
CB
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465


Similar Part No. - PRL0602N

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0512 ULC-PRL0602DNC-0512 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0524 ULC-PRL0602DNC-0524 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-0548 ULC-PRL0602DNC-0548 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0602DNC-1224 ULC-PRL0602DNC-1224 Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
More results

Similar Description - PRL0602N

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
MPA400MD MPD-MPA400MD Datasheet
288Kb / 2P
400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
MPA400M MPD-MPA400M Datasheet
261Kb / 2P
400W AC-DC ACTIVE PFC MEDICAL POWER SUPPLY
logo
ULTRA LEVEL TECH CO., L...
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
AC-DC Active PFC SWITCHING POWER SUPPLY
PRL0801 ULC-PRL0801 Datasheet
509Kb / 4P
AC-DC PFC SWITCHING POWER SUPPLY
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
AC-DC PFC SWITCHING POWER SUPPLY
PRL1201 ULC-PRL1201 Datasheet
264Kb / 3P
AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1301 ULC-PRL1301 Datasheet
478Kb / 4P
AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com