Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL0801 Datasheet(PDF) 3 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL0801
Description  AC-DC PFC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL0801 Datasheet(HTML) 3 Page - ULTRA LEVEL TECH CO., LTD.

  PRL0801 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL0801 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL0801 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL0801 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
U Type (U-Chassis only): 5(L) x 3.2(W) x 1.5(H) inches; Weight: 500g.
U Type (U-Chassis with Top Cover): 5(L) x 3.2(W) x 1.66(H) inches; Weight: 550g.
抽孔攻牙
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com