Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL0801D Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL0801D
Description  AC-DC PFC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL0801D Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  PRL0801D Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL0801D Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL0801D Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL0801D Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Note:
* PRL0801D series are designated as PRL0801Dx-y where x can be U (U-Chassis only or with optional vented top cover), F (U-chassis
with top cover and fan installed) or E (Enclosed Type with rear side built-in fan) , y can be 0512, 0524, 0548, 1224.
* U Type: U-Chassis @240W max. with min. 25CFM forced airflow or 120W max. under air convection (Option: vented top cover).
* E Type: Enclosed with rear side built-in fan @240W max.
* F Type: U-Chassis with top built-in fan @240W max.
* Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1µF ceramic and 22µF electrolytic capacitors.
* 10% minimum load is required to maintain the ripple and regulation.
* Output is fully isolated.
Input Connector (CN1):
U and F Type: Mating Molex Part No. VHR-5N or equivalent (5pin, 3 used), or Terminal Block: Howder M3 screws 3 pin 6.35mm center Part
No. HD-601-3P; PCB Labeling: L=Line; N=Neutral; G=Chassis Ground .
E Type: IEC320 snap-in mounting type or Terminal Block: Howder HD-602-3P.
Output Connector (CN2):
Molex Part No. VHR-8N
Terminal block
– Howder M3 Part No. HD-816-3P
Output Pin Assignment:
(See table in right).
Mounting Inserts:
6 Places M3X0.7. Maximum Penetration 4mm sees outline drawing for location.
Logic signal connector (CN3):
Mating JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04);
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26. :
Fan driver connector (FAN1):
Mating connector is JST P/N XHP-3 (3 pins 0.98 pitch) or equivalent (CHYAO SHIUNN JS-2001-03).
Howder
Molex
V1 : Pin 3
V1 : Pin 6~8
RTN : Pin 2
RTN : Pin 2~5
V2 : Pin 1
V2 : Pin 1
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
OUTLINE DRAWING:
Model
Number
Output
Voltage
Max. Output Current
Regulation
Ripple &
Noise
Type U (force air)
& E & F
Type U
(Convection)
PRL0801Dx-0512
V1:+ 5V
24A
12A
+/- 5%
1%
V2:+ 12V
13.33A
6.67A
+/- 5%
1%
PRL0801Dx-0524
V1:+ 5V
24A
12A
+/- 5%
1%
V2:+ 24V
6.67A
3.33A
+/- 5%
1%
PRL0801Dx-0548
V1:+ 5V
24A
12A
+/- 5%
1%
V2:+ 48V
3.33A
1.67A
+/- 5%
1%
PRL0801Dx-1224
V1:+ 12V
13.33A
6.67A
+/- 5%
1%
V2:+ 24V
6.67A
3.33A
+/- 5%
1%
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com