Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL1301D Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL1301D
Description  AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL1301D Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  PRL1301D Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL1301D Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL1301D Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL1301D Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NOTE:
*PRL1301D series are designated as PRL1301Dx-y where x can be E (enclosed type with end side built-in fan), U (U-chassis) or F (with top
cover and a built-in fan),y can be 0512, 0524, 1224.
*10% minimum load is required for all outputs to maintain the ripple and regulation Output is fully isolated
*Total combined power of V1 and V2:
600W Max. for PRL1301D-1224 forced air cooling.
500W Max. for other models forced air cooling.
*For models U chassis type which need external forced airflow min. 25 CFM to achieve maximum power.
*Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output terminals with parallel 0.1µF ceramic and 22µF electrolytic
capacitor
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Model Number
Output Voltage
Output Current
Total Regulation
Ripple & Noise
Max. Load Convection
PRL1301D-0512
V1:+5V
50A
+/- 5%
+/-1%
V2:+12V
33.33A
+/- 5%
+/-1%
PRL1301D-0524
V1:+5V
50A
+/- 5%
+/-1%
V2:+24V
16.67A
+/- 5%
+/-1%
PRL1301D-1224
V1:+12V
33.33A
+/- 5%
+/-1%
V2:+24V
16.67A
+/- 5%
+/-1%
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com