Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL1201D Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL1201D
Description  AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL1201D Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  PRL1201D Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL1201D Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL1201D Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE:
* PRL1201D series are designated as PRL1201D-y where y can be 0512,0524,1224
* 10% minimum load is required for all outputs to maintain the ripple and regulation Output is fully isolated
* Total combined power of V1 and V2:
400W Max. for PRL1201D-1224 convection cooling.
300W Max. for other models convection cooling.
* Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output terminals with parallel 0.1µF ceramic and
22µF electrolytic capacitors.
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Model Number
Output Voltage
Output Current
Total Regulation
Ripple & Noise
Max. Load Convection
PRL1201D-0512
V1: +5V
35A
+/- 5%
+/-1%
V2: +12V
16.67A
+/- 5%
+/-1%
PRL1201D-0524
V1: +5V
35A
+/- 5%
+/-1%
V2: +24V
8.33A
+/- 5%
+/-1%
PRL1201D-1224
V1: +12V
25A
+/- 5%
+/-1%
V2: +24V
12.5A
+/- 5%
+/-1%
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465
OUTLINE DRAWING:
PRL1201DU Series (U-Chassis Type): 8(L) x 5(W) x 1.6(H)inches; Weight: 1KG
CN1
B: MOUNTING HOLE 8 PLACE
6-32 UNC(Zn-plated)
SCALE 4:1
B
C:MOUNTING HOLE 8 PLACE
M4X0.7 (BRASS)
SCALE 4:1
C
C
B
C
B
C
B
C
B
C
B
B
C
B
C
CN3
RTN
PG
RSW
MOLEX PART NO.
09-50-3071
(7 PINS, 5 USED)
PIN NO.3,6 NC
TERMINAL BLOCK
3PINS 9.5mm CENTER
TERMINAL BLOCK
6PINS 9.5mm CENTER
CN3
CN2
OPTIONAL CONNECTOR
MOLEX PART NO.
09-50-3141 (14 PINS)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com