Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDT3261 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3261
Description  訝됧?LED ?덃끝雍멨눣?㎩댍IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3261 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3261 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3261 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3261 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3261 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDT-3261 ---
2
CDT3261-01
P 2
三個 LED 燈泡輸出控制 IC
■
IC 打線腳座配置
■
16 PIN DIP 包裝
■
IC 腳座功能說明
晶片
包裝
使用符號
功
能
說
明
1
1
OSCI
振盪輸入,加 R ─ 增快,加 C ─ 減慢
2
2
TEST
內部測試端
5
5
VDD
電源正極
6
6
RD/SQ
亂閃/順閃 閃爍選擇 (內定亂閃,接 VDD 順閃)
7
7
ON/OFF
LED 閃爍/停止 按鍵選擇開關
8
8
OPT
接 VSS 時 : 1Hz
接 VDD 時 : 2Hz
空腳時
: 3Hz
9
9
VSS
電源負極
11
11
L3
LED3 輸出端
13
13
L2
LED2 輸出端
15
15
L1
LED1 輸出端
1
15
13
11
L1
L2
L3
CDT3261-01
Chip Size: 1490 x 1180 µM
IC 底座接 VDD
※正印 CDT3261-01
OSCI
- -
TEST
L1
- -
- -
- -
L2
VDD
- -
RD/SQ
L3
ON/OFF
- -
8
OPT
9
VSS
16
2
15
3
14
4
13
5
12
6
11
7
10
VSS
OPT
1
TEST VDD RD/SQ ON/OFF
1
OSCI
9
8
7
6
5
2
2
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com