Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH89790B Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MH89790B
Description  ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface Preliminary Information
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89790B Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MH89790B Datasheet HTML 17Page - Mitel Networks Corporation MH89790B Datasheet HTML 18Page - Mitel Networks Corporation MH89790B Datasheet HTML 19Page - Mitel Networks Corporation MH89790B Datasheet HTML 20Page - Mitel Networks Corporation MH89790B Datasheet HTML 21Page - Mitel Networks Corporation MH89790B Datasheet HTML 22Page - Mitel Networks Corporation MH89790B Datasheet HTML 23Page - Mitel Networks Corporation MH89790B Datasheet HTML 24Page - Mitel Networks Corporation MH89790B Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
4-207
Preliminary Information
MH89790B
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1
Supply Voltage with respect to VSS
VDD
-0.3
7
V
2
Voltage on any pin other than supplies
VSS-0.3
VDD+0.3
V
3
Current at any pin other than supplies
40
mA
4
Storage Temperature
TST
-40
85
°C
5
Package Power Dissipation
P
800
mW
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
I
n
p
u
t
s
Operating Temperature
TOP
070
°C
2
Supply Voltage
V
DD
4.5
5.0
5.5
V
3
Input High Voltage
VIH
2.4
VDD
V
For 400 mV noise margin
VIH
1.2
V
RxT and RxR
4
Input Low Voltage
V
IL
VSS
0.4
V
For 400 mV noise margin
VIL
0.3
V
RxT and RxR
DC Electrical Characteristics - Clocked operation over recommended temperature ranges and power supply voltages.
Parameters
Sym
Min
Typ‡
Max
Units
Test Conditions
1
I
n
p
u
t
s
Supply Current
IDD
15
45
mA
Outputs Unloaded
2
Input High Voltage
VIH
2.0
V
DD
V
Digital Inputs
3
Input Low Voltage
VIL
0.0
0.8
V
Digital Inputs
4
Input Leakage Current
IIL
+1+10
µA
Digital Inputs VIN=0 toVDD
5
O
u
t
p
u
t
s
Output High Voltage
V
OH
2.4
VDD
VIOL=10mA
6
Output High Leakage
IOZ
500
nA
VO = 0 to VDD
7
Output High Current
IOH
7
20
mA
Source Current, VOH=2.4V
8
Output Low Voltage
V
OL
V
SS
0.4
V
IOL=2mA
OUTA or OUTB
VOL
0.25
V
IOL=10mA
9
Output Low Current
IOL
2
10
mA
Sink Current, VOL=0.4V
10
Input Impedance RxT to RxR
319
Ω
AC Electrical Characteristics† - Capacitance
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input Pin Capacitance
C
I
10
pF
2
Output Pin Capacitance
CO
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com