Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT093AP Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT093AP
Description  ISO-CMOS 8 x 12 Analog Switch Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT093AP Datasheet(HTML) 6 Page - Mitel Networks Corporation

  MT093AP Datasheet HTML 1Page - Mitel Networks Corporation MT093AP Datasheet HTML 2Page - Mitel Networks Corporation MT093AP Datasheet HTML 3Page - Mitel Networks Corporation MT093AP Datasheet HTML 4Page - Mitel Networks Corporation MT093AP Datasheet HTML 5Page - Mitel Networks Corporation MT093AP Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MT093 ISO-CMOS
3-70
Figure 3 - Control Memory Timing Diagram
Table 1. Address Decode Truth Table
Œ
This address has no effect on device status.
AX0
AX1
AX2
AX3
AY0
AY1
AY2
Connection
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
X0-Y0
X1-Y0
X2-Y0
X3-Y0
X4-Y0
X5-Y0
No Connection
Œ
No Connection
Œ
X6-Y0
X7-Y0
X8-Y0
X9-Y0
X10-Y0
X11-Y0
No Connection
Œ
No Connection
Œ
0
↓
1
0
↓
0
0
↓
1
0
↓
1
1
↓
1
0
↓
0
0
↓
0
X0-Y1
↓ ↓
X11-Y1
0
↓
1
0
↓
0
0
↓
1
0
↓
1
0
↓
0
1
↓
1
0
↓
0
X0-Y2
↓ ↓
X11-Y2
0
↓
1
0
↓
0
0
↓
1
0
↓
1
1
↓
1
1
↓
1
0
↓
0
X0-Y3
↓ ↓
X11-Y3
0
↓
1
0
↓
0
0
↓
1
0
↓
1
0
↓
0
0
↓
0
1
↓
1
X0-Y4
↓ ↓
X11-Y4
0
↓
1
0
↓
0
0
↓
1
0
↓
1
1
↓
1
0
↓
0
1
↓
1
X0-Y5
↓ ↓
X11-Y5
0
↓
1
0
↓
0
0
↓
1
0
↓
1
0
↓
0
1
↓
1
1
↓
1
X0-Y6
↓ ↓
X11-Y6
0
↓
1
0
↓
0
0
↓
1
0
↓
1
1
↓
1
1
↓
1
1
↓
1
X0-Y7
↓ ↓
X11-Y7
tRPW
tSPW
tAS
tAH
tDH
tD
tS
tR
tR
tDS
50%
50%
50%
50%
50%
50%
50%
50%
50%
RESET
STROBE
ADDRESS
DATA
SWITCH
ON
OFF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com