Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM705EPA Datasheet(PDF) 7 Page - ON Semiconductor

Part # ASM705EPA
Description  Low Power P Supervisor Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM705EPA Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ASM705EPA Datasheet HTML 3Page - ON Semiconductor ASM705EPA Datasheet HTML 4Page - ON Semiconductor ASM705EPA Datasheet HTML 5Page - ON Semiconductor ASM705EPA Datasheet HTML 6Page - ON Semiconductor ASM705EPA Datasheet HTML 7Page - ON Semiconductor ASM705EPA Datasheet HTML 8Page - ON Semiconductor ASM705EPA Datasheet HTML 9Page - ON Semiconductor ASM705EPA Datasheet HTML 10Page - ON Semiconductor ASM705EPA Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ASM705, ASM706, ASM707, ASM708, ASM813L
http://onsemi.com
7
Application Information
Ensuring That RESET is Valid Down to VCC = 0 V
When VCC falls below 1.1 V, the ASM705−708 RESET
output no longer pulls down; it becomes indeterminate. To
avoid the possibility that stray charges build up and force
RESET to the wrong state, a pull−down resistor should be
connected to the RESET pin, thus draining such charges to
ground and holding RESET low. The resistor value is not
critical. A 100 k
W resistor will pull RESET to ground
without loading it.
Bi−directional Reset Pin Interfacing
The ASM705/6/7/8 can interface with
mP/mC
bi−directional reset pins by connecting a 4.7 k
W resistor in
series with the RESET output and the
mP/mC bi−directional
RESET pin.
Figure 5. Bi−directional Reset Pin Interfacing
Monitoring Voltages Other Than VCC
The ASM705−708 can monitor voltages other than VCC
using the Power Fail circuitry. If a resistive divider is
connected from the voltage to be monitored to the Power
Fail input (PFI), the PFO will go LOW if the voltage at PFI
goes below 1.25 V reference. Should hysteresis be desired,
connect a resistor (equal to approximately 10 times the sum
of the two resistors in the divider) between the PFI and PFO
pins. A capacitor between PFI and GND will reduce circuit
sensitivity to input high−frequency noise. If it is desired to
assert a RESET for voltages other than VCC then the PFO
output is to be connected to the MR.
Figure 6. Monitoring +5 V and an
Additional Supply VIN
Monitoring a Negative Voltage
The Power−Fail circuitry can also monitor a negative
supply rail. When the negative rail is OK, PFO will be LOW,
and when the negative rail is failing (not negative enough),
PFO goes HIGH (the opposite of when positive voltages are
monitored). To trigger a reset, these outputs need to be
inverted: adding the resistors and transistor as shown
achieves this. The RESET output will then have the same
sense as for positive voltages: good = HIGH, bad = LOW. It
should be noted that this circuit’s accuracy depends on the
VCC line, the PFI threshold tolerance, and the resistors.
Figure 7. Monitoring a Negative Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com