Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25Q400G Datasheet(PDF) 45 Page - ACE Technology Co., LTD.

Part # ACE25Q400G
Description  4M BIT SPI NOR FLASH Memory Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q400G Datasheet(HTML) 45 Page - ACE Technology Co., LTD.

Back Button ACE25Q400G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25Q400G Datasheet HTML 46Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
ACE25Q400G
4M BIT SPI NOR FLASH Memory Series
VER 1.2
45
Packaging information
USON8 3*2 (0.75mm-0.50mm)
Symbol
mm
Min
Nom
Max
A
0.70
0.75
0.80
A1
0.02
0.05
b
0.18
0.25
0.30
c
0.118
0.20
0.25
D
1.90
2.00
2.10
D2
1.40
1.50
1.60
E
2.90
3.00
3.10
E2
1.50
1.60
1.70
e
0.50BSC
Nd
1.50BSC
h
0.20
0.25
0.30
L
0.30
0.40
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com