Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25Q512G Datasheet(PDF) 21 Page - ACE Technology Co., LTD.

Part # ACE25Q512G
Description  512K BIT SPI NOR FLASH Memory Series
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q512G Datasheet(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25Q512G Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25Q512G Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
ACE25Q512G
512K BIT SPI NOR FLASH Memory Series
VER 1.1
21
Continuous Read Mode Reset (FFH or FFFFH)
The “Continuous Read Mode” bits are used in conjunction with “Fast Read Dual I/O” and “Fast
Read Quad I/O” Instructions to provide the highest random Flash memory access rate with minimum
SPI instruction overhead, thus allowing more efficient XIP (execute in place) with this device family.
The “Continuous Read Mode” bits M7-0 are set by the Dual/Quad I/O Read Instructions. M5-4 are
used to control whether the 8-bit SPI instruction code (BBH or EBH) is needed or not for the next
instruction. When M5-4 = (1,0), the next instruction will be treated the same as the current Dual/Quad
I/O Read instruction without needing the 8-bit instruction code; when M5-4 do not equal to (1,0), the
device returns to normal SPI instruction mode, in which all instructions can be accepted. M7-6 and
M3-0 are reserved bits for future use, either 0 or 1 values can be used.
Figure 15 the Continuous Read Mode Reset instruction (FFH or FFFFH) can be used to set M4 = 1,
thus the device will release the Continuous Read Mode and return to normal SPI operation.
To reset “Continuous Read Mode” during Quad I/O operation, only eight clocks are needed. The
instruction is “FFH”. To reset “Continuous Read Mode” during Dual I/O operation, sixteen clocks are
needed to shift in instruction “FFFFH
Figure 15 Continuous Read Mode Reset Sequence Diagram
Figure 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com