Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE517C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE517C
Description  2A Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE517C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE517C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE517C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ACE517C
2A Low Consumption Linear Regulator
VER 1.2
3
Ordering information
ACE517C XX
XX +
H
Electrical Characteristics
Test conditions: Cin=1uF, Cout=1uF, TA=25℃, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Mum
Unit
Input Voltage
Vin
18
V
Output Voltage
Vout
VOUT
*0.98
VOUT
*1.02
V
Maximum Output
Current
Iout (Max.)
Vin-Vout=1.7V
Vout<1.5V
2
A
Vin-Vout=1.4V
1.5V≦Vout<2.0V
Vin-Vout=1 V
Vout≧2.0V
Input-Output Voltage
Differential(note3)
Dropout
Voltage
Iout≦1.5A
Vout<1.5V
1600
mV
1.5V≦Vout<2.0V
1000
1300
Vout≧2.0V
800
950
Line Regulation
(note1)
△Vout
△Vin●Vout
Iout =10mA
Set Vout+1V≦Vin≦18V
0.1
0.3
%/V
Line Regulation
(note1,2)
△VOUT
1mA≦Iout≦
1.5A
Vout<1.5V
40
60
mV
1.5V≦Vout<2.0V
20
40
Vout≧2.0V
10
30
Quiescent Current
Iq
Vin= Set Vout+1V
2.0
5.0
uA
Output Voltage
Temperature
Coefficient
△Vout
△T●Vout
Iout =100mA
200
ppm/℃
Thermal Resistance
junction to case
θJC
SOT-223
20
℃/W
TO-252
12
Note1: Line Regulation and Load Regulation in Table1 are tested under constant junction temperature.
Note2: When load current varies between 0~2A and Vin-Vout ranges from 1V~18V at constant junction temperature, the
parameter is satisfied the criterion in table.
Note3: Dropout Voltage is the voltage difference between the input and output pin when the input voltage is minimum to maintain
the lowest spec output voltage.
Halogen - free
Output Voltage :Ex:1.8V=18
……5.0V=50
Pb - free
XM: SOT-223
YM : SOT-252



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com