Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8841AS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8841AS
Description  CMOS Calling Number Identification Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8841AS Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8841AS Datasheet HTML 2Page - Mitel Networks Corporation MT8841AS Datasheet HTML 3Page - Mitel Networks Corporation MT8841AS Datasheet HTML 4Page - Mitel Networks Corporation MT8841AS Datasheet HTML 5Page - Mitel Networks Corporation MT8841AS Datasheet HTML 6Page - Mitel Networks Corporation MT8841AS Datasheet HTML 7Page - Mitel Networks Corporation MT8841AS Datasheet HTML 8Page - Mitel Networks Corporation MT8841AS Datasheet HTML 9Page - Mitel Networks Corporation MT8841AS Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MT8841
5-16
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
† DC Electrical Characteristics are over recommended operating conditions unless otherwise stated.
* Typical figures are at 25°C and are for design aid only.
Absolute Maximum Ratings* - Voltages are with respect to V
SS unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1
DC Power Supply Voltage VDD to VSS
VDD
-0.3
6
V
2
Voltage on any pin
VP
-0.3
VDD+0.3
V
3
Current at any pin (except VDD and VSS)I I/O
±10
mA
4
Storage Temperature
TST
-65
+150
°
C
5
Package Power Dissipation
PD
500
mW
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
DC Power Supply Voltage
VDD
4.5
5.0
5.5
V
2
Clock Frequency
fOSC
3.579545
MHz
3
Tolerance on Clock Frequency
∆fc
±0.2
%
4
Operating Temperature
-40
+85
°
C
DC Electrical Characteristics†
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
S
U
P
P
L
Y
Standby Supply Current
IDDQ
15
100
µAPWDN=VDD
2
Operating Supply Current
IDD
35
mA
PWDN=VSS
3
Power Consumption
PO
28
mW
4
DATA
DCLK
Low Level Output Voltage
High Level Output Voltage
VOL
VOH
VDD-0.4
0.4
V
V
IOL=2.5mA
IOH=0.8mA
5
DR
CD
Sink Current
IOL
2.5
mA
VOL=0.4V
6
PWDN
Low Level Input Voltage
High Level Input Voltage
VIL
VIH
VDD-1.2
1.2
V
V
7
Input Current
IIN
10
µAVSS ≤ VIN ≤ VDD
8
VRef
Output Voltage
VRef
2.45
2.5
2.55
V
VDD=5.0V
No Load
9
Output Resistance
RRef
2k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com