Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1511A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1511A
Description  P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1511A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1511A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1511A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE1511A
P-Channel Enhancement Mode MOSFET
VER 1.1
2
Packaging Type
SOT-723
3
1
2
PIN DESCRIPTION
Pin
Symbol
Description
1
G
Gate
2
S
Source
3
D
Drain
Ordering information
ACE1511A XX + H
Electrical Characteristics
TA=25℃, unless otherwise noted.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=-250 uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.35
-0.8
Gate Leakage Current
IGSS
VDS=0V,VGS=±12V
±30
uA
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V, VGS=0V
-1
uA
VDS=-20V, VGS=0V, TJ=55℃
-5
On-State Drain Current
ID(on)
VDS
≤ -4.5V,V
GS =-5V
-0.7
A
Drain-Source
On-Resistance
RDS(ON)
VGS=-4.5V, ID=-0.45A
0.42
0.52
Ω
VGS=-2.5V, ID=-0.35A
0.58
0.70
VGS=-1.8V, ID=-0.25A
0.75
0.95
JM : SOT-723
Pb - free
Halogen - free
D1
S1
G1
S
G
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com