Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1715B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE1715B
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1715B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE1715B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1715B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1715B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1715B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1715B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1715B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE1715B
N-Channel Enhancement Mode MOSFET
VER 1.1
2
Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=250uA
150
V
Zero Gate Voltage Drain Current
IDSS
VDS=150V, VGS=0V
1
uA
Gate Threshold Voltage
IGS(TH)
VGS= VDS, ID=250uA
1.5
2.0
2.5
V
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
Drain-Source On-state Resistance
RDS(ON)
VGS=10V, ID=1.5A
400
450
m
Ω
Forward Transconductance
gFS
VDS=15V, ID=1.5A
5
S
Diode Forward Voltage
VSD
ISD=2A, VGS=0V
1.2
V
Maximum Body-Diode Continuous
Current
IS
2
A
Switching
Total Gate Charge
Qg
VGS=10V,VDS=75V, ID=1.5A
8
nC
Gate-Source Charge
Qgs
1.4
Gate-Drain Charge
Qgd
2.1
Turn-On Delay Time
td(on)
VGS=10V ,VDS=75V,
RL=75Ω,RGEN=6Ω
8
ns
Turn-On Rise Time
tf
10
Turn-Off Delay Time
td(off)
20
Turn-Off Fall Time
tf
15
Dynamic
Input Capacitance
Ciss
VGS=0V ,VDS=75V,
F=1MHz
235
pF
Output Capacitance
Coss
36
Reverse Transfer Capacitance
Crss
20
Note:
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com