Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3006M Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE3006M
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3006M Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE3006M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3006M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACE3006M
N-Channel Enhancement Mode MOSFET
VER 1.1
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum Unit
Maximum Junction-to-Ambient
a
RθJA
40
°C/W
Maximum Junction-to-Case
RθJC
3
Notes
a. Surface Mounted on 1” x 1” FR4 Board, drain pad using 2 oz copper, value dependent on PC board thermal characteristics.
b. Pulse width limited by maximum junction temperature.
Packaging Type
TO-252
G
D
S
Ordering information
ACE3006M XX + H
YM : TO252
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com