Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4468B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE4468B
Description  N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4468B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE4468B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4468B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4468B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4468B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4468B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4468B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE4468B
N-Channel Enhancement Mode MOSFET
VER 1.1
2
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-source breakdown voltage
V(BR)DSS
VGS=0V, ID=250µA
30
V
Zero gate voltage drain current
IDSS
VDS=30V, VGS=0V
1
µA
Gate threshold voltage
VGS(th)
VGS=VDS, IDS=250µA
1.4
1.9
3
V
Gate leakage current
IGSS
VGS=±20V, VDS=0V
100
nA
Drain-source on-state resistance
RDS(ON)
VGS=10V, ID=11.6A
11
14
VGS=4.5V, ID=10A
15
22
Forward transconductance
gFS
VDS=5V, ID=11.6A
19
S
Diode forward voltage
VSD
ISD=1A, VGS=0V
0.74
1.0
V
Maximum body-diode continuous current
IS
2.6
A
Switching
Total gate charge
Qg
VGS=5V, VDS=15V,
ID=11.6A
7.65
9.95
nC
Gate-source charge
Qgs
2.82
3.67
Gate-drain charge
Qgd
2.49
3.24
Turn-on delay time
td(on)
VGS=10V, VDS=15V
RL=15
Ω, RGEN=6Ω
13.92
27.84
ns
Turn-on rise time
tr
2.64
5.28
Turn-off delay time
td(off)
31.4
62.8
Turn-off fall time
tf
3.28
6.56
Dynamic
Input capacitance
Ciss
VGS=0V, VDS=15V,
f=1.0MHz
886.01
pF
Output capacitance
Coss
151
Reverse transfer capacitance
Crss
75.77
Note :
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com