Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4884 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE4884
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4884 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE4884 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4884 Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE4884
N-Channel Enhancement Mode MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise noted.
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=250uA
40
V
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=250uA
0.5
1.0
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=40V,VGS=0V
1
uA
VDS=40V,VGS=0V
10
On-State Drain Current
ID(on)
VDS= 5V,VGS =4.5V
10
A
Drain-Source On-Resistance
RDS(on)
VGS= 10V,ID=10A
0.014
0.020
Ω
VGS=4.5V,ID= 8A
0.017
0.024
VGS=2.5V,ID= 6A
0.024
0.030
Forward Transconductance
gfs
VDS=15V,ID=6.2A
13
S
Diode Forward Voltage
VSD
IS=2.3A,VGS =0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
VDS=20V,VGS=4.5
V ID= 5A
10
14
nC
Gate-Source Charge
Qgs
2.8
Gate-Drain Charge
Qgd
3.2
Input Capacitance
Ciss
VDS=20V,VGS=0V
f=1MHz
850
pF
Output Capacitance
Coss
110
Reverse Transfer Capacitance
Crss
75
Turn-On Time
td(on)
VDD=20V,RL=4
Ω
ID
≡5.0A,VGEN=10V
RG=1
Ω
6
12
nS
tr
10
20
Turn-Off Time
td(off)
20
36
tf
6
12



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com