Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE9006M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE9006M
Description  N-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE9006M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE9006M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE9006M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE9006M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE9006M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE9006M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE9006M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE9006M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE9006M
N-Channel 60-V (D-S) MOSFET
VER 1.1
1
Description
ACE9006M uses advanced trench technology to provide excellent RDS(ON).
This device particularly suits for low voltage application such as power management of desktop
computer or notebook computer power management, DC/DC converter.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
(TA = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
90
A
Pulsed Drain Current
b
IDM
240
Continuous Source Current (Diode Conduction)
a
IS
90
A
Power Dissipation
a
TC=25°C
PD
300
W
Operating Junction and Storage Temperature Range TJ, Tstg
-55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol Maximum Unit
Maximum Junction-to-Ambient
RθJA
62.5
°C/W
Maximum Junction-to-Case
RθJC
0.5
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature


Similar Part No. - ACE9006M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE9006M03N ACE-ACE9006M03N Datasheet
718Kb / 7P
N-Channel 60-V MOSFET
VER 1.1
ACE9006M06P ACE-ACE9006M06P Datasheet
712Kb / 7P
P-Channel 60-V MOSFET
VER 1.1
More results

Similar Description - ACE9006M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com