Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8885AP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8885AP
Description  Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8885AP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8885AP Datasheet HTML 1Page - Mitel Networks Corporation MT8885AP Datasheet HTML 2Page - Mitel Networks Corporation MT8885AP Datasheet HTML 3Page - Mitel Networks Corporation MT8885AP Datasheet HTML 4Page - Mitel Networks Corporation MT8885AP Datasheet HTML 5Page - Mitel Networks Corporation MT8885AP Datasheet HTML 6Page - Mitel Networks Corporation MT8885AP Datasheet HTML 7Page - Mitel Networks Corporation MT8885AP Datasheet HTML 8Page - Mitel Networks Corporation MT8885AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MT8885
Advance Information
4-52
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
24
28
11
IN+
Non-inverting op-amp input.
22
IN-
Inverting op-amp input.
34
GS
Gain Select. Gives access to output of front end differential amplifier for connection of
feedback resistor.
46
VRef
Reference Voltage output (VDD/2).
57
VSS
Ground (0V).
68
OSC1
Oscillator input. This pin can also be driven directly by an external clock.
79
OSC2
Oscillator output. A 3.579545 MHz crystal connected between OSC1 and OSC2 completes
the internal oscillator circuit. Leave open circuit when OSC1 is driven externally.
10
12
TONE
Output from internal DTMF transmitter.
11
13 R/W(WR) (Motorola) Read/Write or (Intel) Write microprocessor input. CMOS compatible.
12
14
CS
Chip Select input. This signal must be qualified externally by either address strobe (AS),
valid memory address (VMA) or address latch enable (ALE) signal, see Figure 12.
13
15
RS0
Register Select input. Refer to Table 3 for bit interpretation. CMOS compatible.
14
17
DS (RD) (Motorola) Data Strobe or (Intel) Read microprocessor input. Activity on this input is only
required when the device is being accessed. CMOS compatible.
15
18
IRQ/CP Interrupt Request/Call Progress (open drain) output. In interrupt mode, this output goes
low when a valid DTMF tone burst has been transmitted or received. In call progress mode,
this pin will output a rectangular signal representative of the input signal applied at the input
op-amp. The input signal must be within the bandwidth limits of the call progress filter, see
Figure 8.
16
19
PWDN
Power Down (input). Active High. Powers down the device and inhibits the oscillator. IRQ
and TONE output are high impedance. Data bus is held in tri-state. This pin is internally
pulled down.
14-
17
18-
21
D0-D3
Microprocessor data bus. High impedance when CS = 1 or DS =0 (Motorola) or RD = 1
(Intel). TTL compatible.
18
22
ESt
Early Steering output. Presents a logic high once the digital algorithm has detected a valid
tone pair (signal condition). Any momentary loss of signal condition will cause ESt to return
to a logic low.
19
23
St/GT
Steering Input/Guard Time output (bidirectional). A voltage greater than VTSt detected at
St causes the device to register the detected tone pair and update the output latch. A
voltage less than VTSt frees the device to accept a new tone pair. The GT output acts to
reset the external steering time-constant; its state is a function of ESt and the voltage on St.
20
24
VDD
Positive power supply (5V typ.).
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
IN+
IN-
GS
VRef
VSS
OSC1
OSC2
NC
TONE
R/W/WR
CS
VDD
St/GT
ESt
D3
D2
D1
D0
NC
PWDN
IRQ/CP
DS/RD
RS0
24 PIN DIP/SSOP
5
6
7
8
9
10
11
25
24
23
22
21
20
19
•
NC
VRef
VSS
OSC1
OSC2
NC
NC
D3
D2
D1
D0
NC
PWDN
NC
28 PIN PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com