Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSFN3313 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSFN3313
Description  30V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFN3313 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSFN3313 Datasheet HTML 1Page - GOOD-ARK Electronics SSFN3313 Datasheet HTML 2Page - GOOD-ARK Electronics SSFN3313 Datasheet HTML 3Page - GOOD-ARK Electronics SSFN3313 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.goodark.com
Page 1 of 4
Rev.1.0
SSFN3313
30V P-Channel MOSFET
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
SSFN3313
SSFN3313
DFN3x3-8L
-
-
-
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±25
V
ID(25℃)
-8
A
ID(70℃)
-6
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
-45
A
Maximum Power Dissipation
PD
3.1
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
40
℃/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
-1
μA
GENERAL FEATURES
● VDS =-30V,ID =-8A
RDS(ON) < 25mΩ @ VGS=-4.5V
RDS(ON) < 14mΩ @ VGS=-10V
● High Power and current handing capability
● Lead free product
● Surface Mount Package
DESCRIPTION
The SSFN3313 uses advanced trench
technology to provide excellent RDS(ON)
and low gate charge .This device is
suitable for use as a load switch or in
PWM applications.
APPLICATIONS
●PWM applications
●Load switch
●Power management
Schematic Diagram
Marking and Pin Assignment
DFN3×3-8L Bottom View
D
G
S


Similar Part No. - SSFN3313

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSFN3313 SILIKRON-SSFN3313 Datasheet
198Kb / 5P
High Power and current handing capability
More results

Similar Description - SSFN3313

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com