Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCA
Description  Automotive Grade Thick Film, Rectangular Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCA Datasheet(HTML) 2 Page - Vishay Siliconix

  RCA Datasheet HTML 1Page - Vishay Siliconix RCA Datasheet HTML 2Page - Vishay Siliconix RCA Datasheet HTML 3Page - Vishay Siliconix RCA Datasheet HTML 4Page - Vishay Siliconix RCA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 20034
For technical questions in Europe, contact: ff1aresistors@vishay.com
www.vishay.com
Revision: 14-Feb-08
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
125
RCA
Automotive Grade
Thick Film, Rectangular Chip Resistors
Vishay
Notes:
(1) Measuring conditions in acc. to CECC 40401
(2) Rated voltage:
(3) Depending on solder pad dimensions
DIMENSIONS
Notes:
(1) Please refer to table PACKAGING, see next page
• Products can be ordered either using the PRODUCT DESCRIPTION or PART NUMBER
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RCA0402
RCA0603
RCA0805
RCA1206
RCA1210
RCA1218
RCA2010
RCA2512
Rated Dissipation at 70 °C
(CECC 40401 | EIA 575)
W
0.063
0.10
0.125
0.25
0.33
1.0
0.5
1.0
Limiting Element Voltage (2)
V
≅
50
75
150
200
200
200
400
500
Insulation Voltage (1 min)
Vpeak
> 75
> 100
> 200
> 300
> 300
> 300
> 300
> 300
Thermal Resistance
K/W
≤ 870 (1)
≤ 550 (1)
≤ 440 (1)
≤ 220 (1)
≤ 140 (3)
(3)
≤ 88 (3)
≤ 65 (3)
Insulation Resistance
Ω
> 109
Category Temperature Range
°C
- 55 to + 125 (+ 155)
Failure Rate
h-1
0.3 × 10-9
Weight/1000 pieces
g
0.65
2
5.5
10
16
29.5
25.5
40.5
PxR
SIZE
DIMENSIONS [in millimeters]
SOLDER PAD DIMENSIONS [in millimeters]
REFLOW SOLDERING
WAVE SOLDERING
INCH METRIC
L
W
H
T1
T2
a
b
l
a
b
l
0402
1005
1.0 ± 0.05
0.5 ± 0.05
0.35 ± 0.05 0.25 ± 0.05
0.2 ± 0.1
0.4
0.6
0.5
0603
1608
1.55
+ 0.10
- 0.05
0.85 ± 0.1
0.45 ± 0.05
0.3 ± 0.2
0.3 ± 0.2
0.5
0.9
1.0
0.9
0.9
1.0
0805
2012
2.0
+ 0.20
- 0.10
1.25 ± 0.15
0.45 ± 0.05
0.3
+ 0.20
- 0.10
0.3 ± 0.2
0.7
1.3
1.2
0.9
1.3
1.3
1206
3216
3.2
+ 0.10
- 0.20
1.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
1.7
2.0
1.1
1.7
2.3
1210
3225
3.2 ± 0.2
2.5 ± 0.2
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
0.9
2.5
2.0
1.1
2.5
2.2
1218
3246
3.2
+ 0.10
- 0.20
4.6 ± 0.15
0.55 ± 0.05
0.45 ± 0.2
0.4 ± 0.2
1.05
4.9
1.9
1.25
4.8
1.9
2010
5025
5.0 ± 0.15
2.5 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
2.5
3.9
1.2
2.5
3.9
2512
6332
6.3 ± 0.2
3.15 ± 0.15
0.6 ± 0.1
0.6 ± 0.2
0.6 ± 0.2
1.0
3.2
5.2
1.2
3.2
5.2
PART NUMBER AND PRODUCT DESCRIPTION RCA - SERIES
PART NUMBERING: RCA080510K0FKTA
MODEL
SIZE
VALUE
TOLERANCE
TCR
PACKAGING (1)
SPECIAL
RCA
0402
0603
0805
1206
1210
1218
2010
2512
R = Decimal
K= Thousand
M = Million
1K32 = 1.32 k
Ω
10R0 = 10
Ω
0000 = Jumper
D = ± 0.5 %
F = ± 1.0 %
J = ± 5.0 %
H = ± 50 ppm/K
K = ± 100 ppm/K
N = ± 200 ppm/K
TA = RT1
TB = RT5
TC = RT6
TD = RT7
TF = R02
TG = R67
TH = R82
TK = RT9
BA = B27
Up to 2 digits
PRODUCT DESCRIPTION: RCA0805 10K 1 % 100 RT1
RCA0805
10K
1 %
100
RT1
MODEL
RESISTANCE VALUE
TOLERANCE
TCR
PACKAGING (1)
RCA0402
RCA0603
RCA0805
RCA1206
RCA1210
RCA1218
RCA2010
RCA2512
49R9 = 49.9
Ω
3011 = 3.01 k
Ω
± 0.5 %
± 1 %
± 5 %
± 50 ppm/K
± 100 ppm/K
± 200 ppm/K
RT1
R67
RT5
R82
RT6
RT9
RT7
B27
R02
A0
80
10
K
5
RC
T
F
KA
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com