Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT88L89AS Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT88L89AS
Description  3V Integrated DTMFTransceiver with Adaptive Micro Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT88L89AS Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT88L89AS Datasheet HTML 1Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 2Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 3Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 4Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 5Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 6Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 7Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 8Page - Mitel Networks Corporation MT88L89AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MT88L89
Advance Information
4-126
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
20
24
28
111
IN+
Non-inverting op-amp input.
222
IN-
Inverting op-amp input.
334
GS
Gain Select. Gives access to output of front end differential amplifier for connection of
feedback resistor.
446
VRef
Reference Voltage output (VDD/2).
557
VSS
Ground (0V).
668
OSC1
Oscillator input. This pin can also be driven directly by an external clock.
779
OSC2
Oscillator output. A 3.579545 MHz crystal connected between OSC1 and OSC2
completes the internal oscillator circuit. Leave open circuit when OSC1 is driven
externally.
8
10
12
TONE
Output from internal DTMF transmitter.
911
13
R/W
(WR)
(Motorola) Read/Write or (Intel) Write microprocessor input. TTL compatible.
10
12
14
CS
Chip Select input. This signal must be qualified externally by either address strobe
(AS), valid memory address (VMA) or address latch enable (ALE) signal, see Figure 12.
11
13
15
RS0
Register Select input. Refer to Table 3 for bit interpretation. TTL compatible.
12
14
17
DS (RD) (Motorola) Data Strobe or (Intel) Read microprocessor input. Activity on this input is
only required when the device is being accessed. TTL compatible.
13
15
18
IRQ/CP Interrupt Request/Call Progress (open drain) output. In interrupt mode, this output
goes low when a valid DTMF tone burst has been transmitted or received. In call
progress mode, this pin will output a rectangular signal representative of the input signal
applied at the input op-amp. The input signal must be within the bandwidth limits of the
call progress filter, see Figure 8.
14-
17
18-
21
19-
22
D0-D3
Microprocessor data bus. High impedance when CS = 1 or DS =0 (Motorola) or RD = 1
(Intel). TTL compatible.
18
22
26
ESt
Early Steering output. Presents a logic high once the digital algorithm has detected a
valid tone pair (signal condition). Any momentary loss of signal condition will cause ESt
to return to a logic low.
19
23
27
St/GT
Steering Input/Guard Time output (bidirectional). A voltage greater than VTSt detected
at St causes the device to register the detected tone pair and update the output latch. A
voltage less than VTSt frees the device to accept a new tone pair. The GT output acts to
reset the external steering time-constant; its state is a function of ESt and the voltage
on St.
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
IN+
IN-
GS
VRef
VSS
OSC1
OSC2
TONE
R/W/WR
CS
VDD
St/GT
ESt
D3
D2
D1
D0
IRQ/CP
DS/RD
RS0
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
IN+
IN-
GS
VRef
VSS
OSC1
OSC2
NC
TONE
R/W/WR
CS
VDD
St/GT
ESt
D3
D2
D1
D0
NC
NC
IRQ/CP
DS/RD
RS0
24 PIN SSOP
20 PIN CERDIP/PLASTIC DIP/SOIC
28 PIN PLCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
•
NC
VRef
VSS
OSC1
OSC2
NC
NC
NC
NC
D3
D2
D1
D0
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com