Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8926 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT8926
Description  ISO-CMOS ST-BUS??FAMILY T1 Performance Monitoring Adjunct Circuit (PMAC)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8926 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT8926 Datasheet HTML 17Page - Mitel Networks Corporation MT8926 Datasheet HTML 18Page - Mitel Networks Corporation MT8926 Datasheet HTML 19Page - Mitel Networks Corporation MT8926 Datasheet HTML 20Page - Mitel Networks Corporation MT8926 Datasheet HTML 21Page - Mitel Networks Corporation MT8926 Datasheet HTML 22Page - Mitel Networks Corporation MT8926 Datasheet HTML 23Page - Mitel Networks Corporation MT8926 Datasheet HTML 24Page - Mitel Networks Corporation MT8926 Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
4-23
MT8926
Figure 11 - Receive T1 Link Timing
† Timing is over recommended temperature & power supply voltage ranges.
‡ Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
.
Figure 12 - 8kHz Extracted Framing Signal
AC Electrical Characteristics† - 8 kHz Timing (Figures 12)
Parameters
Sym
Min
Typ‡
Max
Units
Test Conditions
1
8kHz Propogation Delay
t8PD
20
ns
50 pF load
2
8kHz Setup Time
t8S
45
ns
3
8kHz Input Low
t8IL
0.065
78
µs
4
8kHz Input High
t8IH
47
µs
Received T1 Link
Bit Cells
RxA, RxB
ECLK
2.25V
0.8V
2.25V
0.8V
BIT CELL
tRS
tRM
tECW
tECW
tP1.5
DATA
ECLK
E8Ki
E8Ko
2.25V
0.8V
2.25V
0.8V
2.4 V
0.4 V
Channel 2
Bit 1
Channel 17
Bit 2
Channel 2
Bit 1
• • •
• • •
t8S
t8S
t8IL
t8IH
t8PD
t8PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com