Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8924AS Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8924AS
Description  PCM Conference Circuit (PCC) Preliminary Information
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8924AS Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8924AS Datasheet HTML 6Page - Mitel Networks Corporation MT8924AS Datasheet HTML 7Page - Mitel Networks Corporation MT8924AS Datasheet HTML 8Page - Mitel Networks Corporation MT8924AS Datasheet HTML 9Page - Mitel Networks Corporation MT8924AS Datasheet HTML 10Page - Mitel Networks Corporation MT8924AS Datasheet HTML 11Page - Mitel Networks Corporation MT8924AS Datasheet HTML 12Page - Mitel Networks Corporation MT8924AS Datasheet HTML 13Page - Mitel Networks Corporation MT8924AS Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary Information
MT8924
8-15
Figure 9 - Read Timing Characteristics
AC Electrical Characteristics - Read Timing (T
OP=0 to 70°C; VDD=5V±5%)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Read Pulse low width
tWLRD
180
ns
2
Read Pulse high width
tWHRD
200
ns
3
Repetition Interval between active Read
Pulses
tREPRD
500
ns
4
Write high setup time to active Read
Pulse
tSHWR
0ns
5
Write high hold time from active Read
Pulse
tHHWR
20
ns
6
Read Pulse rise time
tRRD
60
ns
7
Read Pulse fall time
tFRD
60
ns
8
Low setup time to RD falling edge
tSLCSRD
0
ns
Active case
9
Low hold time from RD falling edge
tHLCSRD
0
ns
Active case
10
High setup time to RD falling edge
tSHCSRD
0
ns
Active case
11
High hold time from RD rising edge
tHHCSRD
0
ns
Active case
12
C/D setup time to RD Pulse start
tSCDRD
20
ns
13
Hold time from Read Pulse end
tHCDRD
25
ns
14
Propagation delay from falling edge of
Read Pulse
tPDD
120
ns
Read; CL=200pF
15
Propagation delay from rising edge of
Read Pulse to high impedance state
tHZ
80
ns
Write; CL=200pF
C/D
tWLRD
tSHWR
RD
tWHRD
tHHWR
tRRD
tREPRD
tFRD
tSHCSRD
tSLCSRD
WR
tHLCSRD
tHHCSRD
CS
tSCDRD
tHCDRD
DOUT
tPDD
tHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com