Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDT3333 Datasheet(PDF) 4 Page - BOWIN ELECTRONIC CO.

Part # CDT3333
Description  ?꿴윹弱덄뵪?㎩댍IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3333 Datasheet(HTML) 4 Page - BOWIN ELECTRONIC CO.

  CDT3333 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3333 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3333 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3333 Datasheet HTML 4Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDT3333 ---
4
CDT3333
P. 4
聲音專用控制 IC
N
. OUT2 : (使用 KEY3, KEY4)
N
. OUT3 : (使用 KEY5, KEY6)
1
16
15
2
CDT3333
TEST3
OUT1
OUT3B
VSS
OSCO
KEY3
KEY4
OUT3
ENV
VDD
OUT2
KEY1
KEY5
KEY2
KEY6
OSCI
TEST2 TEST1
3
4
5
7
8
6
9
10
11
12
13
14
17
18
1
16
15
2
CDT3333
TEST3
OUT1
OUT3B
VSS
OSCO
KEY3
KEY4
OUT3
ENV
VDD
OUT2
KEY1
KEY5
KEY2
KEY6
OSCI
TEST2 TEST1
3
4
5
7
8
6
9
10
11
12
13
14
17
18
82K
100K
VSS
KEY3
OSCI
VDD
OUT2
KEY4
OSCO
TEST3
4
3
2
1
OSCO
OUT3
KEY6
VDD
KEY5
OUT3B
OSCI
VSS
4
3
2
1
5
6
7
8
5
6
7
8
8P DIP 包裝
8P DIP 包裝
3333-34
3333-56



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com