Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDT3345 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3345
Description  ?쎿?雍멨뀯?믤셽若싨셽?쭵C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3345 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3345 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. CDT3345 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CDT-3345 ---
2
1
1
CDT3345
P. 2
四段輸入倒時定時器 IC
■
IC 打線腳座配置
■
16 PIN DIP 包裝
■
8 PIN DIP 包裝
■
PIN 腳功能描述 :
腳位
符
號
X(μm)
Y(μm)
功
能
說
明
1
VDD
442
1590
電源正極。
2
LED
157
1590
(i). 接振盪電阻時按 KEY 時動作 :
定時器起動時 LED 每 5 秒一次(可調)。
定時器結束時 LED 閃爍每秒一次持續 10sec
(ii). 無接振盪電阻時為常亮狀態。
3
BZ1
157
1240
4
BZ2
157
881
接 Buzzer。
5
CDS
157
569
光敏電阻。
TEST1
157
317
TEST2
157
120
測試 PIN。
6
VSS
384
120
電源負極。
7
KEY1
658
120
設定時間(1).。
8
KEY2
906
120
設定時間(2).。
9
KEY3
1154
120
設定時間(3).。
10
KEY4
1404
120
設定時間(4).。
11
OUT3
1433
330
TRIAC。
12
OUT2
1433
535
定時器啟動時為 0,結束時為 1。
13
OUT1
1433
863
定時器啟動時為 1,結束時為 0。
16
ZC
1433
1221
AC 50/60 Hz。
17
OSCO
1433
1402
接振盪電阻。
18
OSCI
1433
1590
接振盪電阻(沒有接振盪電阻時須接 High)。
19
ACS
656
1590
決定計時時間。
VDD
ACS
LED
OSCI
BZ1
OSCO
BZ2
ZC
CDS
OUT1
VSS
※
K1
K4
K2
K3
16
2
15
3
14
4
13
5
12
6
11
7
10
1
9
8
OUT1
OSCI
K1
8
2
7
3
6
4
5
LED
VSS
VDD
K2
OSCO
334501A
CDT3345-03
OUT1
OSCI
K3
8
2
7
3
6
4
5
LED
VSS
VDD
K4
OSCO
334501B
TEST2
BZ1
OSCO
ZC
OUT1
BZ2
VDD
VSS
K1
K2
K3
LED
OSCI
K4
CDS
OUT3
ACS
CDT3345
1670 X 1790 μM
IC 底座接 VDD
TEST1
OUT2
1
2
3
4
5
6
7
8
9
10
11
11
12
13
14
15
16
3345-03A
P11=OUT2
3345-03B
P11=OUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com