Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RH5
Description  Heatsink Encased Wirewound Power Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RH5 Datasheet(HTML) 2 Page - Vishay Siliconix

  RH5 Datasheet HTML 1Page - Vishay Siliconix RH5 Datasheet HTML 2Page - Vishay Siliconix RH5 Datasheet HTML 3Page - Vishay Siliconix RH5 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RH
www.vishay.com
Vishay Sfernice
Revision: 24-Feb-14
2
Document Number: 50013
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOMENTARY OVERLOAD
1. Momentary overload (> 2 s):
See example in table below. In all cases, it should be understood that:
- The 12 Pn overload applies only to ohmic values 0.1. 
- The overload voltage shall not be higher than that used for the dielectric strength test (see Standard Electrical Specifications).
2. Short time overload (< 2 s):
For times shorter than 2 s, higher overloads can be sustained in some cases. Consult Vishay Sfernice.
TECHNICAL SPECIFICATIONS
VISHAY SFERNICE MODEL AND STYLE
RH5
RH10
RH25
RH50
POWER RATING
Chassis Mounted Resistors
MIL
Limits
25 °C
5W
10 W
20 W
30 W
70 °C
4 W
8 W
16 W
24 W
413 cm2 for RH5 and RH10
536 cm2 for RH25 and RH50
Vishay Sfernice
Limits
25 °C
10 W
12.5 W
25 W
50 W
70 °C
8 W
10 W
20 W
40 W
Unmounted Resistors
Vishay Sfernice
Limits
25 °C
4 W
6 W
9W
12 W
70 °C
3.2 W
4.8 W
7.2 W
9.6 W
Rated Maximum Voltage (VRMS )
160 V
250 V
550 V
1285 V
Dielectric Strength VRMS
1000 V
1500 V
2500 V
2500 V
Vishay Sfernice
0.01
12 k
0.006
20 k
0.006
62 k
0.006
130 k
Minimum Ohmic Values
in Relation to Tolerance
E 96
± 0.1 %
1
1
E 96
± 0.5 %
0.1
0.1
E 96
± 1 %
0.1
0.05
E 48
± 2 %
0.01
0.01
E 24
± 5 %
0.01
0.01
E 12
± 10 %
0.01
0.008
0.006
PERFORMANCE
MIL-R-18546 D
NF C 83-210
TYPICAL DRIFTS
TESTS
CONDITIONS
REQUIREMENTS
Operating Temperature Range
- 55 °C + 200 °C
-
-
Momentary Overload
5 Pr/5 s
± (0.25 % + 0.05
)
± (0.1 % + 0.05
)
Climatic Sequence
- 55 °C + 200 °C
5 cycles
± (0.25 % + 0.05
)
± (0.1 % + 0.05
)
Load Life Test at High
Temperature
2 h at + 275 °C
± (1 % + 0.05
)
Ins. resistance
 1 G
± (0.1 % + 0.05
)
Humidity (Steady State)
56 days
± (1 % + 0.05)
Ins. resistance
 100 M
± (0.5 % + 0.05
)
Resistance to Moisture
Climatic sequences test, with load
and polarisation
± (1 % + 0.05
)
± (0.5 % + 0.05
)
Temperature Coefficient
5
 to 10 
> 10
± 50 ppm/°C
± 25 ppm/°C
± 15 ppm/°C
Load Life
at Maximum Temperature
1000 h 25 °C
PnMIL
Vishay
± (1 % + 0.05
)
± (0.1 % + 0.05
)
200 °C
30 % of Pn
Sfernice
Ins. resistance
 1 G
± (0.5 % + 0.05
)
POWER LOADING
DURATION
2.5 Pn
10 s
5 Pn
5 s
12 Pn
2 s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com