Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8941 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8941
Description  CMOS ST-BUS??FAMILY Advanced T1/CEPT Digital Trunk PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8941 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8941 Datasheet HTML 9Page - Mitel Networks Corporation MT8941 Datasheet HTML 10Page - Mitel Networks Corporation MT8941 Datasheet HTML 11Page - Mitel Networks Corporation MT8941 Datasheet HTML 12Page - Mitel Networks Corporation MT8941 Datasheet HTML 13Page - Mitel Networks Corporation MT8941 Datasheet HTML 14Page - Mitel Networks Corporation MT8941 Datasheet HTML 15Page - Mitel Networks Corporation MT8941 Datasheet HTML 16Page - Mitel Networks Corporation MT8941 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CMOS
MT8941
3-55
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings*- Voltages are with respect to ground (V
SS) unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD
-0.3
7.0
V
2
Voltage on any pin
VI
VSS-0.3
VDD+0.3
V
3
Input/Output Diode Current
IIK/OK
±10
mA
4
Output Source or Sink Current
IO
±25
mA
5
DC Supply or Ground Current
IDD/ISS
±50
mA
6
Storage Temperature
TST
-55
125
oC
7
Package Power Dissipation
Plastic DIP
PLCC
PD
PD
1200
600
mW
mW
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Voltage
VDD
4.5
5.0
5.5
V
2
Input HIGH Voltage
VIH
2.0
VDD
V
3
Input LOW Voltage
VIL
VSS
0.8
V
4
Operating Temperature
TA
-40
25
85
oC
DC Electrical Characteristics - Voltages are with respect to ground (V
SS) unless otherwise stated.
VDD=5.0V±5%; VSS=0V; TA=-40 to 85°C.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
S
U
P
Supply Current
IDD
815
mA
Under clocked condition, with the
inputs tied to the same supply
rail as the corresponding pull-up
/down resistors.
2
I
N
Input HIGH voltage (For all the
inputs except pin 23)
VIH
2.0
V
3
Positive-going threshold
voltage
(For pin 23)
V+
3.0
4.0
V
4
Input LOW voltage (For all the
inputs except pin 23)
VIL
0.8
V
5
Negative-going threshold
voltage
(For pin 23)
V-
1.0
1.5
V
6
O
U
T
Output current HIGH
IOH
-4
mA
VOH=2.4 V
7
Output current LOW
IOL
4mA
VOL=0.4 V
8
Leakage current on bidirect-
ional pins and all inputs except
C12i, C16i, RST, MS1, MS0
IIL
-100
-30
-8
µA
VIN=VSS
9
Leakage current on pins MS1,
MS0
IIL
10
35
120
µAVIN=VDD
10
Leakage current on all three-
state outputs and C12i, C16i,
RST inputs
IIL
-10
±1
+10
µAVI/O=VSS or VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com