Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8952B Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT8952B
Description  ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8952B Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT8952B Datasheet HTML 14Page - Mitel Networks Corporation MT8952B Datasheet HTML 15Page - Mitel Networks Corporation MT8952B Datasheet HTML 16Page - Mitel Networks Corporation MT8952B Datasheet HTML 17Page - Mitel Networks Corporation MT8952B Datasheet HTML 18Page - Mitel Networks Corporation MT8952B Datasheet HTML 19Page - Mitel Networks Corporation MT8952B Datasheet HTML 20Page - Mitel Networks Corporation MT8952B Datasheet HTML 21Page - Mitel Networks Corporation MT8952B Datasheet HTML 22Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ISO-CMOS
MT8952B
3-81
† Timing is over recommended temperature & power supply voltages (VDD=5V±5%, VSS=0V, TA=–40 to 85°C).
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 23 - Serial Port Inputs and Outputs in External Timing Mode
Note: The frequency of the clock input (CKi) should be at the output bit rate in the External Timing Mode.
Figure 24 - ST-BUS Format
AC Electrical Characteristics† - Serial Port in External Timing Mode - (Figure 23 )
Voltages are with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Clock period on CKi pin
tCEX
400
ns
2
CKi transition time
tT
20
ns
3
TxCEN/RxCEN setup time
tCENS
60
ns
4
TxCEN/RxCEN hold time
tCENH
40
ns
5
CDSTi setup time
tSTiS
20
ns
6
CDSTi hold time
tSTiH
65
ns
7
CDSTo delay
tSToZL
tSToZH
125
ns
Test load circuit 1 (Fig. 26)
CL=150pF
8
CDSTo disable time
tSToLZ
tSToHZ
85
ns
Test load circuit 3 (Fig. 26)
CKi
TxCEN/
RxCEN
CDSTi
CDSTo
VALID DATA
tCEX
tT
tCENS
tCENH
tSTiS
tSTiH
tSToZL
tSToZH
tSToHZ
tSToLZ
HIGH
IMPEDANCE
HIGH IMPEDANCE
Channel
0
Channel
1
Channel
2
• • • • • • • •
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
125
µsec
Channel
31
Channel
30
Channel
31
Channel
0
Channel
29
F0i
ST-BUS
Least
Significant
Bit
Most
Significant
Bit
3.9
µsec
(D0 on the Data
Bus)
(D7 on the Data
Bus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com