Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RV
Description  CECC 40401-010 Qualified Thin Film Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RV Datasheet(HTML) 2 Page - Vishay Siliconix

  RV Datasheet HTML 1Page - Vishay Siliconix RV Datasheet HTML 2Page - Vishay Siliconix RV Datasheet HTML 3Page - Vishay Siliconix RV Datasheet HTML 4Page - Vishay Siliconix RV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RV
www.vishay.com
Vishay Sfernice
Revision: 21-Jun-14
2
Document Number: 60022
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POPULAR OPTION
AEC-Q200 moisture resistance
Option to order: 0058: Specific production process to withstand 85 °C/85 % RH at Pn/10
Notes
(1) Test requiring parts to be mounted on PCB will be performed with the requirement that termination alloy will be the same as solder paste
alloy. Gold termination will be tested as B termination
(2) Rn: Nominal Resistance
Pn: Nominal Power
(3) Option to order: 0058
DIMENSIONS in millimeters (inches)
SERIES/
CASE SIZES
AB
D/E
C
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
RV 0505
1.198
(0.047)
1.502
(0.059)
1.143
(0.045)
1.397
(0.055)
0.250
(0.010)
0.510
(0.020)
0.373
(0.015)
0.627
(0.025)
RV 0603
1.368
(0.054)
1.672
(0.066)
0.623
(0.025)
0.877
(0.035)
0.250
(0.010)
0.510
(0.020)
0.373
(0.015)
0.627
(0.025)
RV 0805
1.758
(0.069)
2.062
(0.081)
1.143
(0.045)
1.397
(0.055)
0.250
(0.010)
0.510
(0.020)
0.373
(0.015)
0.627
(0.025)
RV 1206
2.908
(0.114)
3.212
(0.126)
1.473
(0.058)
1.727
(0.068)
0.250
(0.010)
0.510
(0.020)
0.373
(0.015)
0.627
(0.025)
ENVIRONMENTAL TEST
TEST
CONDITIONS
VALUES AND DRIFTS (
R/R ± %)
CECC REQUIREMENTS
TYPICAL PERFORMANCE
Overload
6.25 x rated power / 2 s (or 2 UL)
0.05 % Rn (2) + 0.05
0.01 % Rn (2)
Climatic sequences (1)
-55 °C / +155 °C
5 moisture cycles
0.1 % Rn (2) + 0.05
0.02 % Rn (2)
Thermal shock (1)
-55 °C / +155 °C
5 cycles 30 min
0.05 % Rn (2) + 0.05
0.02 % Rn (2)
Load life (1)
+70 °C/Pn
1000 h
0.1 % Rn (2) + 0.05
0.05 % Rn (2)
Resistance to solder heat
+260 °C/ 10 s
0.05 % Rn (2) + 0.05
0.02 % Rn (2)
Moisture resistance (1)
+40 °C / 93 % HR
Pn / 10
0.1 % Rn (2) + 0.05
0.01 % Rn (2)
AEC-Q200 (3)
85 °C / 85 % RH / Pn / 10
1000 h
0.5 % + 0.05
Max. < 0.3 % + 0.05
High temperature storage
1000 h at + 155 °C
0.1 % Rn (2) + 0.05
0.05 % Rn (2)
Bending (1)
10 bends / 2 mm / 5 s
0.05 % Rn (2) + 0.05
0.02 % Rn (2)
SPECIFIC CONDITIONS DUE TO TERMINATION TYPE
TEST
CONDITIONS
VALUES AND DRIFTS
B; G
N
VISHAY REQUIREMENTS
TYPICAL PERFORMANCE
Solderability
+235 °C/2 s
Sn60Pb40 alloy
+245 °C/3 s
Sn97Ag3 alloy
VISUAL INSPECTION
High T° reflow profile
N/A
+255 °C/40 s
(on parts)
0.02 % Rn (2) + 0.05
0.01 % Rn (2) + 0.05
A
D
D
C
E
E
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com