Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFM
Description  Thin Film Top-Contact Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFM Datasheet(HTML) 2 Page - Vishay Siliconix

  SFM Datasheet HTML 1Page - Vishay Siliconix SFM Datasheet HTML 2Page - Vishay Siliconix SFM Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SFM
www.vishay.com
Vishay Electro-Films
Revision: 25-Feb-13
2
Document Number: 61017
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CONFIGURATIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
0.020" x 0.020" ± 0.003" (0.5 mm x 0.5 mm ± 0.076 mm)
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Substrate Material
Oxidized silicon, 10 kÅ minimum SiO2
Resistor Material
Tantalum nitride, self-passivating
Bonding Pad Size
0.004" x 0.004" (0.10 mm x 0.10 mm)
Number of Pads
2
Pad Material
25 kÅ minimum aluminum
Backing
None, lapped semiconductor silicon
GLOBAL PART NUMBER INFORMATION
Global Part Number: SFM50000FKANHWS
Global Part Number Description: SFM 5K 1 %, 100 ppm/°C, Al, no back metal, class H, WS
MODEL
RESISTANCE
RESISTANCE
MULTIPLIER
CODE
TOLERANCE
CODE
(%)
TCR
(ppm/°C)
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
SFM
First 4 digits are
significant figures
of resistance
C = 0.001
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
3 = 1000
B = 0.1
C = 0.25
D = 0.5
F = 1.0
G = 2.0
H = 2.5
J = 5.0
K = 10
E = ± 25
C = ± 50
K = ± 100
M = ± 250
R = 0/- 250
G = Au
A = Al
G = Au
N = None
H = Class H
K = Class K
WS = Waffle pack
100 min, 1 mult
Historical Part Number: WSFM04550000F (will continue to be accepted)
0.016
0.004
0.007
TYPICAL RANGE
1
Ω to 29 Ω
0.004
0.020
0.006
TYPICAL RANGE
30
Ω to 819 Ω
0.020
0.020
0.004
TYPICAL RANGE
820
Ω to 1 MΩ
0.016
0.004
00
0
F
A
N
H
K
5
WS
M
SF
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com