Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFN
Description  NiCr Thin Film, Top-Contact Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFN Datasheet(HTML) 2 Page - Vishay Siliconix

  SFN Datasheet HTML 1Page - Vishay Siliconix SFN Datasheet HTML 2Page - Vishay Siliconix SFN Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SFN
www.vishay.com
Vishay Electro-Films
Revision: 11-Sep-13
2
Document Number: 61025
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
TYPICAL RANGE
10
Ω to 55 Ω
0.004
0.014
TYPICAL RANGE
56
Ω to 7.4 kΩ
0.004
0.008
TYPICAL RANGE
7.5 k
Ω to 510 kΩ
0.004
0.020
0.020
0.004
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Thickness
0.020" x 0.020" ± 0.003" (0.51 mm x 0.51 mm ± 0.05 mm)
Chip Substrate Material
Oxidized silicon, 10 kÅ minimum SiO2
Resistor Material
Nichrome (passivation optional)
Bonding Pad Size
0.004" x 0.004" (0.10 mm x 0.10 mm)
Number of Pads
2
Pad Material
15 kÅ minimum gold (Al optional)
Backing
None, lapped semiconductor silicon (Au back optional)
GLOBAL PART NUMBER INFORMATION
Global Part Number: SFN50000FKANHWS
Global Part Number Description: SFN 5K 1 % 100 ppm Al None H WS
MODEL
RESISTANCE
RESISTANCE
MULTIPLIER
CODE
TOLERANCE
CODE
(%)
TCR
(ppm/°C)
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
SFN
20 x 20
size NiCr
on
Silicon
First 4 digits are
significant figures
of resistance
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
3 = 1000
B = 0.1
C = 0.25
D = 0.5
F = 1.0
G = 2.0
J = 5.0
K = 10
B = ± 10
E = ± 25
C = ± 50
K = ± 100
M = ± 250
G = Au
A = Al
G = Au
N = None
H = Class H
K = Class K
WS = Waffle pack
100 min, 1 mult
FW = Full wafer
000
F
A
N
H
K
5
WS
N
SF
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com