Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8976 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT8976
Description  ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8976 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT8976 Datasheet HTML 17Page - Mitel Networks Corporation MT8976 Datasheet HTML 18Page - Mitel Networks Corporation MT8976 Datasheet HTML 19Page - Mitel Networks Corporation MT8976 Datasheet HTML 20Page - Mitel Networks Corporation MT8976 Datasheet HTML 21Page - Mitel Networks Corporation MT8976 Datasheet HTML 22Page - Mitel Networks Corporation MT8976 Datasheet HTML 23Page - Mitel Networks Corporation MT8976 Datasheet HTML 24Page - Mitel Networks Corporation MT8976 Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ISO-CMOS
MT8976
4-49
† Timing is over recommended temperature & power supply voltage ranges.
‡ Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing
.
AC Electrical Characteristics† - XCtl, XSt, & E8Ko (Figures 16, 17, & 18)
Parameters
Sym
Min
Typ‡
Max
Units
Test Conditions
1
External Control Delay
tXCD
140
ns
50 pF Load
2
External Status Setup Time
tXSS
100
ns
3
External Status Hold Time
tXSH
400
ns
4
8 kHz Output Delay
t8OD
150
ns
50 pF Load
5
8 kHz Output Low Width
t8OL
78
µs
50 pF Load
6
8 kHz Output High Width
t8OH
47
µs
50 pF Load
7
8 kHz Rise Time
t8R
10
ns
50 pF Load
8
8 kHz Fall Time
t8F
10
ns
50 pF Load
Figure 16 - XCtl Timing
ST-BUS Bit Cell Boundary Between
Bit 0 Channel 15 and Bit 7 Channel 16
C2i
2.0V
0.8V
XCtl
2.4V
0.4V
tXCD
Figure 17 - XSt Timing
ST-BUS Bit Cell Boundary Between
Bit 2 Channel 30 and Bit 1 Channel 30
tXSS
tXSH
C2i
XSt
2.0V
0.8V
2.0V
0.8V
Figure 18 - E8Ko Timing
Channel 2
Bit 1
Channel 17
Bit 2
Channel 2
Bit 1
Received
DS1 Bits
E1.5i
2.0V
0.8V
E8Ko
2.4V
0.4V
t8OD
t8F
t8F
t8R
t8OD
t8OD
•• •
•• •
t8OL
t8OH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com