Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFX Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFX
Description  Thin Film, Top-Contact Megohm Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFX Datasheet(HTML) 2 Page - Vishay Siliconix

  SFX Datasheet HTML 1Page - Vishay Siliconix SFX Datasheet HTML 2Page - Vishay Siliconix SFX Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SFX
www.vishay.com
Vishay Electro-Films
Revision: 04-Mar-13
2
Document Number: 61018
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SCHEMATIC
DIMENSIONS in inches (millimeters)
AB
± 0.002 (± 0.05)
± 0.002 (± 0.05)
0.030 (0.76)
0.027 (0.69)
0.040 (1.01)
0.037 (0.94)
0.055 (1.40)
0.052 (1.32)
A
B
0.005
0.005
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
Per table above
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.050 mm)
Chip Substrate Material
Oxidized silicon, 10 kÅ minimum SiO2
Resistor Material
Tantalum nitride, self-passivating
Bonding Pad Size
0.005" x 0.005" (0.127 mm x 0.127 mm)
Number of Pads
2
Pad Material
10 kÅ minimum aluminum (gold pads available)
Backing
None, lapped semiconductor silicon (gold back available)
GLOBAL PART NUMBER INFORMATION
Global Part Number: SFX25003KR4GGKWS
Global Part Number Description: SFX 2.5M 10 % 0 ppm/°C/- 250 ppm/°C 40 Au Au K WS
MODEL
RESISTANCE
RESISTANCE
MULTIPLIER
CODE
TOLERANCE
CODE
TCR
(ppm/°C)
SIZE
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
SFX
High
value
TaN on
silicon
The first
4 digits are
significant
figures of
resistance
2 = 100
3 = 1000
4 = 10 000
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
G = 2.0 %
J = 5.0 %
K = 10.0 %
E = ± 25
C = ± 50
K = ± 100
M = ± 250
W = ± 350
I = 0/- 200
R = 0/- 250
P = 0/- 350
3 = 30 x 30
4 = 40 x 40
5 = 55 x 55
G = Au
A = Al
G = Au
N = None
H = Class H
K = Class K
WS =
Waffle pack,
100 min,
1 mult
250
0
K
R
4
3
X
SF
GG
K
W
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com