Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8967AS Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT8967AS
Description  ISO2-CMOS Integrated PCM Filter Codec
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8967AS Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT8967AS Datasheet HTML 13Page - Mitel Networks Corporation MT8967AS Datasheet HTML 14Page - Mitel Networks Corporation MT8967AS Datasheet HTML 15Page - Mitel Networks Corporation MT8967AS Datasheet HTML 16Page - Mitel Networks Corporation MT8967AS Datasheet HTML 17Page - Mitel Networks Corporation MT8967AS Datasheet HTML 18Page - Mitel Networks Corporation MT8967AS Datasheet HTML 19Page - Mitel Networks Corporation MT8967AS Datasheet HTML 20Page - Mitel Networks Corporation MT8967AS Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ISO2-CMOS
MT8960/61/62/63/64/65/66/67
6-35
Figure 9b - Timing Diagram - Output Enable
Note:
In typical applications, F1i will remain low for 8 cycles of C2i. However, the device will function normally as long as tES and
tEH are met at each positive edge of C2i.
Figure 9c - Timing Diagram - Input/Output
C2i
Input
F1i
Input
DSTo
Output
high
impedance
8 CLOCK CYCLES
(See Note)
90%
50%
10%
90%
10%
tEF
tES
tEH
tPZL
tPZH
tCR
tCF
tER
tES
tEH
tPZL
tPZH
tES
tEH
high-Z
90%
50%
10%
90%
50%
10%
90%
50%
10%
C2i
Input
DSTo
Output
DSTi, CSTi
Input
tCR
tCF
tOR
tOF
tPLH
tIF
tIR
tIH
tISH
tISL
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com