Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8982 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT8982
Description  ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8982 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8982 Datasheet HTML 6Page - Mitel Networks Corporation MT8982 Datasheet HTML 7Page - Mitel Networks Corporation MT8982 Datasheet HTML 8Page - Mitel Networks Corporation MT8982 Datasheet HTML 9Page - Mitel Networks Corporation MT8982 Datasheet HTML 10Page - Mitel Networks Corporation MT8982 Datasheet HTML 11Page - Mitel Networks Corporation MT8982 Datasheet HTML 12Page - Mitel Networks Corporation MT8982 Datasheet HTML 13Page - Mitel Networks Corporation MT8982 Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ISO-CMOS
MT8982
2-43
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* High impedance is measured by pulling to the appropriate rail with RL, with timing corrected to cancel time taken to discharge CL.
Figure 14a - TDM Bus Timing - F0o/Clock Timing
Figure 14b - ODE Timing
AC Electrical Characteristics† - TDM Bus (See Figures 13 and 14a, 14b). Voltages are with
respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Frame Pulse Input Setup Time
tfs
10
ns
4 meg mode
2
Frame Pulse Input Hold Time
tfh
5
5
ns
cycles
3
Serial Output Delay;
Active to Active
tsdaa
100
ns
CL=50pF
4
Serial Output Delay;
Active to High Z
tsdaz
200
ns
CL=50pF
RL=1kΩ*
5
Serial Output Delay;
High Z to Active
tsdza
150
ns
CL=150pF
6
Serial Input Setup Time
tss
20
ns
7
Serial Input Hold Time
tsh
10
ns
8
Frame Pulse Output Delay
tfd
70
ns
9
ODE Low to Serial Out High Z
tsaz
125
ns
CL=50pF, RL=1kΩ*
10
ODE High to Serial Out Active
tsza
50
ns
CL=50pF, RL=1kΩ
11
C4 Clock Pulse Width Low
tc4l
25
100
209
ns
tc4 = 244 ns
12
C4 Clock Pulse Width High
tc4h
35
100
219
ns
tc4 = 244 ns
13
C4 Clock Period
tc4
150
244
ns
F0o (ST-BUS)
C4i
F0o (GCI)
tfd
tfd
tc4
tc4l
tc4h
tfd
tfd
ODE
STo0-1
tsaz
tsza



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com