Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT8982AS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8982AS
Description  ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8982AS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8982AS Datasheet HTML 1Page - Mitel Networks Corporation MT8982AS Datasheet HTML 2Page - Mitel Networks Corporation MT8982AS Datasheet HTML 3Page - Mitel Networks Corporation MT8982AS Datasheet HTML 4Page - Mitel Networks Corporation MT8982AS Datasheet HTML 5Page - Mitel Networks Corporation MT8982AS Datasheet HTML 6Page - Mitel Networks Corporation MT8982AS Datasheet HTML 7Page - Mitel Networks Corporation MT8982AS Datasheet HTML 8Page - Mitel Networks Corporation MT8982AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2-31
®
Features
•
ST-BUS/GCI compatible switch matrix
•
64 channel non-blocking time switch
•
2 x 32 channel serial inputs and outputs
•
Per-channel tristate control
•
4-pin serial microprocessor interface
•
Patented message mode
•
Low power consumption (10 mW)
•
Single 5 volt supply
Applications
•
Cost sensitive digital switching applications
•
Digital key telephone systems
•
GCI/ST-BUS conversion
•
ST-BUS device control interface
•
ISDN telephone set support circuit
•
Interprocessor communication
Description
The MT8982 Small Digital Switch (MiniDX) is a non-
blocking CMOS time switch with a capacity of up to
64 - 8 bit Time Division Multiplexed (TDM) encoded
voice or data channels. It is a size-optimized version
of MITEL's successful MT8980D Digital Switches,
providing
switching
capability
in
cost
sensitive
applications such as telephone sets and digital key
systems. The TDM interface to the device is via two
pairs of 2048 kbit/s serial streams with 32 64 kbit/s
channels per stream (ST-BUS).
A serial microport
provides access to the device for programming the
required connections.
The serial microport is
compatible with most common microcontrollers. The
unique message mode capability allows the MT8982
to act as a controller for other members of MITEL's
ST-BUS family of components.
Figure 1 - Functional Block Diagram
STi0
STi1
F0i
C4i
F0o
RxD/CSTi0
TxD/NC
SCLK/CSTi1
CS/CMS
MPS
ODE
STo0
STo1
Serial
to
Parallel
Converter
64 x 8
Data Memory
Output
Mux
Parallel
to
Serial
Converter
Address
Mux
Address
Counters
Serial
Microport
64 x 9
Connect Memory
Address
Mux
3-State
Control
Data
Mux
ISSUE 6
May 1995
MT8982
Small Digital Switch (MiniDX)
ISO-CMOS ST-BUS
™ FAMILY
Ordering Information
MT8982AE
16 Pin Plastic DIP
MT8982AS
16 Pin SOIC
MT8982AN
20 Pin SSOP
-40 to +85
°C


Similar Part No. - MT8982AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8982AS MITEL-MT8982AS Datasheet
223Kb / 14P
ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
More results

Similar Description - MT8982AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8982 MITEL-MT8982 Datasheet
223Kb / 14P
ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
CMOS ST-BUS??FAMILY Enhanced Digital Switch
logo
Toshiba Semiconductor
MT3S35T TOSHIBA-MT3S35T Datasheet
122Kb / 4P
CMOS ST-BUS Family Multiple Rate Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
ISO-CMOS ST-BUS Family Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com