Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDT3441 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT3441
Description  3 LED 雍멨눣?㎩댍IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT3441 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT3441 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. CDT3441 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CDT3241 ---
2
CDT3441
P. 2
3 LED 輸出控制 IC
■
功能說明
(1).
CdS:暗度偵測,有 2 秒延遲判斷明暗之功能
不接 CdS 時,CDS PIN 腳須接地,以避免信號浮接。
(2).
OPT1
= Floating,KEY 無效。
=VDD,KEY 正常使用。
(3).
OPT2
= Floating,LED 全亮。
=VDD,LED 2Hz 閃爍。
(4).
電路於啟動狀態下,按壓 KEY 可開關 LED,CdS 重新啟動電路後,KEY 重
置於開啟 LED。
(5).
LAMP、CLOCK:昇壓用電晶體推動信號(擇一使用)。
(6).
CLOCK 內建振盪頻率約 128KHz,可外接 Rosc 加快振盪頻率。
■
應用線路
VSS
OSCO
OSCI
CDT3441
OPT1
OPT2 TEST
VDD
L3
L2
L1 LAMP
1.5VDC
CHOKE
8050
CdS
CLOCK
KEY
VSS
OSCO
OSCI
CDT3441
OPT1
OPT2 TEST
VDD
L3
L2
L1
CdS
CLOCK
KEY
3VDC
CDS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com