Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDT7101D Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # CDT7101D
Description  2 ?딯ED 雍멨눣?㎩댍IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

CDT7101D Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  CDT7101D Datasheet HTML 1Page - BOWIN ELECTRONIC CO. CDT7101D Datasheet HTML 2Page - BOWIN ELECTRONIC CO. CDT7101D Datasheet HTML 3Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDT-7101 --- 2
CDT7101
P. 2
2 個 LED 輸出控制 IC
■ CDT7101 電流, 頻率 vs 電壓 關係圖
(1) SINK 電流 vs 電壓
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDC
(2) SOURCE 電流 vs 電壓
3
4
5
6
7
8
9
10
11
12
13
14
15
16
(3) 頻率 vs 電壓
3
4
5
6
7
8
9
10
11
12
13
14
15
16
10
20
30
40
50
60
70
80
I (mA)
80
70
60
50
40
30
20
10
I (mA)
3.0
2.5
2.0
1.5
1.0
I (mA)
VDC
VDC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com