Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENG7230 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # ENG7230
Description  VOLTAGE DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

ENG7230 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  ENG7230 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. ENG7230 Datasheet HTML 2Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDT7230 --- 2
CDT7230
P 2
VOLTAGE DETECTOR
CDT - 7230 規格表
A. Function:
When the supply voltage (VDD) drops to the preset value, the LED lamp will turns
on.
B. Characteristics:
Maximum Operating Voltage 12V
Maximum Operating Current 10 uA
(@VDD = 8V)
LED current minimum 0.5 mA
(@ Vout = 0.2V﹐@ VDD = 2V)
C. Application Circuit : (Examples)
■CDT7230-3 to detect 2.55V
■CDT7230-3 to detect 7V using divider
CDT7230-03
3VDC
LED
VDD
VSS
CDT7230-03
LED
VDD
VSS
R2
R1
R1=1.5M
R2=1K
LED
LED
Reference values



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com