Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3103 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS3103
Description  Simple LCD micro-controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3103 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS3103 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3103 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LSI
LS3103
3
4. Buzzer Control/Tone Generator Control
The system can output 4khz/2khz alarm signal by mask option. The alarm signal is enabled to the
output B0, B1 when the Beep Control Register: Bit[0] is high.
5. LCD driver
The system has 16 LCD segment pad with 2/3/4 common pads (mask option) providing 28x2, 28x3
or 16x4 + 12 x3 LCD segment output.
The LCD segment table is shown below :
COM 1
COM2
COM3
COM4
SEG[1:4]
1CH:D[0:3]
18H:D[0:3]
14H:D[0:3]
10H:D[0:3]
SEG[5:8]
1DH:D[0:3]
19H:D[0:3]
15H:D[0:3]
11H:D[0:3]
SEG[9:12]
1EH:D[0:3]
1AH:D[0:3]
16H:D[0:3]
12H:D[0:3]
SEG[13:16]
1FH:D[0:3]
1BH:D[0:3]
17H:D[0:3]
13H:D[0:3]
SEG[17:20]
5CH:D[0:3]
58H:D[0:3]
54H:D[0:3]
Not implemented
SEG[21:24]
5DH:D[0:3]
59H:D[0:3]
55H:D[0:3]
Not implemented
SEG[25:28]
5EH:D[0:3]
5AH:D[0:3]
56H:D[0:3]
Not implemented
6. EL Driver
R0, R1 can be configured as general output or E.L. output.
7. Mask option
Name
description
BZ2K/4K
buzzer frequency
BZ[0], BZ[1]
buzzer control
FSYSPRB
Power Up Control



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com