Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3201 Datasheet(PDF) 6 Page - BOWIN ELECTRONIC CO.

Part # LS3201
Description  84 dot LCD micro-controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS3201 Datasheet(HTML) 6 Page - BOWIN ELECTRONIC CO.

  LS3201 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS3201 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LSI
LS3201
6
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
*Comments
Stress above those listed under Absolute Maximum Ratings”
may cause permanent damage to the
device.
These are stress rating only.
Functional operation of this device at these or any other conditions above
those indicated in the operational sections
of this specification is not implied and exposure to obsolete
maximum rating conditions for extended periods may affect device reliability.
D.C. Electrical Characteristics
(GND = 0V, Vdd = 3.0V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
2.5
3.0
3.6
V
Operating current
Idd
-
4
7
µA
No load
OSC. built-in cap
Cd
-
20
-
pF
OSC. trimmer cap
Ctrim
5
-
35
pF
Buzzer output current
Ib
500
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V
Trigger output current
Ir
100
-
-
µA
Vr-Vss=0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com