Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6027 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS6027
Description  Game (Roulette) AND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6027 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS6027 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6027 Datasheet HTML 8Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LSI
LS6027
3
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B0, B1
OUTPUT
Buzzer output
F512, VCAP
OUTPUT
Doubler output
VEE
OUTPUT
VEE
T1, T2,
XT4, XT5, XT6, XT7,
XT8, XT9, XT10, XT11,
XT3
INPUT
TEST pin
COSCO
OUTPUT
32KHz oscillator output
COSCI
INPUT
32KHz oscillator input
VDD
POWER
+3.0V power supply
GND
POWER
Ground
KSET, KMIN, KHR
INPUT(PH)
Input key
PB
INPUT(PH)
Power up reset
C[1:3]
OUTPUT
LCD Common output
S[1:16]
OUTPUT
LCD Segment output
Note: (PH) - pull high;
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
Comments
Stress above those listed under absolute Maximum Ratings”
may cause permanent damage
to the device.
These are stress rating only.
Functional operation of this device at these or any
other conditions above those indicated in the operational sections of this specification is not implied
and exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
D.C. Electrical Characteristics
(GND = 0V, Vdd = 1.5V, Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply Voltage
Vdd
2.4
3.0
3.6
V
Operating current
Idd
-
5
9
µA
No load
OSC. built-in cap
Cd
-
20
-
pF
OSC. trimmer cap
Ctrim
5
-
35
pF
Frequency stability
^f/f
-
-
10
ppM
Vdd=3.0
Buzzer output current
Ib
500
-
-
µA
Vbd-Vss=0.5
LCD frequency
Flcd
-
64
-
Hz
Segment current
Is
0.15
-
-
µA
Vseg=0.2V
Common current
Ic
3.0
-
-
µA
Vcom=0.2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com