Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6102V06 Datasheet(PDF) 2 Page - BOWIN ELECTRONIC CO.

Part # LS6102V06
Description  10 Digit LCD Watch with EL Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6102V06 Datasheet(HTML) 2 Page - BOWIN ELECTRONIC CO.

  LS6102V06 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6102V06 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6102V06 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6102V06 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6102V06 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6102V06 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6102V06 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LSI
LS6102
Version 0.6 (4.6.00)
2
Time Set Mode
In Time Mode, press KMODE 3 times to go to Time Set Mode.
On entering Time Set Mode, the second digits flash..
In Time Set Mode, press KSET to select the setting item with the sequence as follow :
Second => Hour => Minute => Month => Day => Weekday.
In Time Set Mode, press KADJ to adjust the value. Press and hold KADJ will cause rapid increment.
In Time Set Mode, press KMODE to exit setting mode.
Alarm Mode
In Time Mode, press KMODE to go to Alarm Mode.
In Alarm Mode, press KADJ to enable/disable Alarm and Chime which follows the sequence :
Alarm off
Alarm on
Alarm on
Alarm off
Alarm off
Chime off => Chime off => Chime on => Chime on => Chime off …….
In Alarm Mode, press KSET to set Alarm Hour, the Alarm will be set to ON, press KADJ to set value.
Press KSET to set Alarm Minute, press KADJ to set value.
Press KSET again exit Alarm Setting.
Press KMODE exit Alarm Mode.
Chronograph Mode
In Time Mode, press KMODE 2 times to go to Chronograph Mode. The sport timer counts up to 99
minutes 59.99 second with 1/100 second and Lap time function.
It is operated as follows:
Press KADJ to start/stop the timer.
If the timer is started, press KSET to have the Lap time.
If the timer is stopped, press KSET to reset the timer to 00:00 00.
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B [0:1]
OUTPUT
Buzzer output
VC1, VC2
OUTPUT
Halfer output
VEE
OUTPUT
Halfer voltage
T2, T1
INPUT (PL)
TEST pin
OO
OUTPUT
oscillator output
OI
INPUT
oscillator input
VDD
POWER
+3.0V power supply
GND
POWER
Ground
KSET,KMODE,
KADJ
INPUT(PL)
Input key/option
IO[0:3]
INPUT(PL)/OUTPUT
Input /Output.
R[0:1]
OUTPUT
Output /EL output
C[1:4]
OUTPUT
LCD Common output
S[1:28]
OUTPUT
LCD Segment output
Note: (PL) – pull low
(PH) - pull high



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com