Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS6103 Datasheet(PDF) 3 Page - BOWIN ELECTRONIC CO.

Part # LS6103
Description  12 Digit LCD Watch with EL Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6103 Datasheet(HTML) 3 Page - BOWIN ELECTRONIC CO.

  LS6103 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6103 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LSI
LS6103
Version 0.1 (29.6.00)
3
Chronograph Mode
In Time Mode, press KMODE 2 times to go to Chronograph Mode. The sport timer counts up to 99
minutes 59.99 second with 1/100 second and Lap time function.
It is operated as follows:
Press KADJ to start/stop the timer.
If the timer is started, press KSET to have the Lap time.
If the timer is stopped, press KSET to reset the timer to 00:00 00.
EL Output
The EL driver output is controlled by KEL.
When KEL is connected to VDD, the EL driver is
enabled.
The EL delay is around 3 – 4 second. The EL pump frequency is 32kHz (1/2 duty cycle) at
512hz(1/2 duty cycle).
Pin Assignment
DESIGNATION
TYPE
DESCRIPTION
B [0:1]
OUTPUT
Buzzer output
VC1, VC2
OUTPUT
Halfer output
VEE
OUTPUT
Halfer voltage
T2, T1
INPUT (PL)
TEST pin
OO
OUTPUT
oscillator output
OI
INPUT
oscillator input
VDD
POWER
+3.0V power supply
GND
POWER
Ground
KSET,KMODE,
KADJ
INPUT(PL)
Input Key
KEL
INPUT(PL)
Input Key
R[0:1]
OUTPUT
Output /EL output
C[1:4]
OUTPUT
LCD Common output
S[1:28]
OUTPUT
LCD Segment output
Note: (PL) – pull low
(PH) - pull high
Absolute Maximum Ratings
Supply voltage Vdd - Vss..........................0 to 5V
Input voltage Vin.................................Vss to Vdd
Operating temperature Top .............-10°C to 60°C
Storing temperature Tst ...................-40°C to 70°C
Comments
Stress above those listed under absolute Maximum Ratings”
may cause permanent damage
to the device.
These are stress rating only.
Functional operation of this device at these or any
other conditions above those indicated in the operational sections of this specification is not implied
and exposure to absolute maximum rating conditions for extended periods may affect device
reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com