Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9080 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT9080
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT9080 Datasheet HTML 16Page - Mitel Networks Corporation MT9080 Datasheet HTML 17Page - Mitel Networks Corporation MT9080 Datasheet HTML 18Page - Mitel Networks Corporation MT9080 Datasheet HTML 19Page - Mitel Networks Corporation MT9080 Datasheet HTML 20Page - Mitel Networks Corporation MT9080 Datasheet HTML 21Page - Mitel Networks Corporation MT9080 Datasheet HTML 22Page - Mitel Networks Corporation MT9080 Datasheet HTML 23Page - Mitel Networks Corporation MT9080 Datasheet HTML 24Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
CMOS
MT9080
2-121
*TCK= Clock (CK) Period
† Timing is over recommended temperature and power supply voltages.
‡ Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Figure 28 - Microprocessor Read Timing for Connect Memory Mode, Data Memory Mode and
External Mode
AC Electrical Characteristics† - Microprocessor Read Timing for Connect Memory, Data
Memory & External Modes (See Fig. 28) - Voltages are with respect to Ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Chip Select Setup
tCSS
0ns
2
Chip Select Hold
tCSH
0ns
3
ADDR, R/W Setup
tAS
0ns
4
ADDR, R/W Hold
tAH
0ns
5DTA Delay
tDTAD
4.5
9
TCK*
6DTA Hold
tDTAH
0ns
7
Valid Data Out to DTA Low
tRD
3TCK*
8DS High to Data Invalid
tDH
027
ns
9
Output Data Active to High Z
tDHZ
31
ns
DS
CS
A0-A15, R/W
DTA
Data Bus*
tCSS
tCSH
tAS
tAH
tDTAD
tDTAH
tRD
tDHZ
tDH
* In Data Memory Mode and External Mode, data is clocked out on D0o-D15o; in Connect Memory Mode data is clocked out on
D0i-D15i (bidirectional).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com